Electronic Components Datasheet Search
  English  ▼

X  

SA5778 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5778
Description  Serial triple gauge driver STGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5778 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5778 Datasheet HTML 1Page - NXP Semiconductors SA5778 Datasheet HTML 2Page - NXP Semiconductors SA5778 Datasheet HTML 3Page - NXP Semiconductors SA5778 Datasheet HTML 4Page - NXP Semiconductors SA5778 Datasheet HTML 5Page - NXP Semiconductors SA5778 Datasheet HTML 6Page - NXP Semiconductors SA5778 Datasheet HTML 7Page - NXP Semiconductors SA5778 Datasheet HTML 8Page - NXP Semiconductors SA5778 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
SA5778
Serial triple gauge driver (STGD)
2
1998 Apr 03
853–2055 19199
DESCRIPTION
The Serial Triple Gauge Driver (STGD), is a single chip air core
driver providing drive to one major gauge, and two minor gauges, for
automotive applications such as Speedometer, Fuel, Temperature,
Tachometer, Volts, and Oil pressure information display. The STGD
operates in conjunction with a microcontroller receiving serial data
inputs, and can provide status back to the microcontroller either
serially or via a status line. The protocol is compatible with the
Philips Single Gauge Driver (SGD) and Dual Gauge Driver (DGD).
The STGD also includes a protected battery supply for external
single Serial Gauge Drivers or Dual Gauge Drivers.
PIN CONFIGURATION
7
821
22
1
2
3
4
5
6
9
10
11
12
13
14
24
23
20
19
18
17
16
15
25
26
27
28
SIN+
RUN
GOE
SwCONTROL
SwBATT1
GND
VBATT
SwBATT2
DATAOUT
COM
C2–
SIN–
COS+
ST
GND
CS
DATAIN
C1–
C1+
C2+
SR01116
SCLK
GND
GND
GND
GND
GND
GND
COS–
Figure 1.
Pin Configuration
FEATURES
• Major Gauge 10-bit resolution Drive provides 0.35° resolution
– Sine/Cosine outputs for 360
° operation
– 0.2
° accuracy typical throughout entire range
• Minor gauge drivers provide 0.35° resolution
– 112
° operation
– 0.5
° accuracy typical throughout entire range
• Serial Data Input
– Supports interface from microcontrollers
– Compatible with Philips SGD SA5775A and DGD SA5777A
• Serial Data Output
– Permits the STGD to be wired in series using a common chip
select to additional STGDs, SGDs, and DGDs
– Permits fault status information to be returned to the
microcontroller
• Over Voltage Protection, Over Temperature Protection and Low
Standby Current Operation
– Gauge drivers disabled when supply voltage exceeds specified
operating voltage, protection to 40V.
– Gauge drivers disabled when die temperature exceeds
operating range
– External switch may supply overvoltage protected battery
supply to other devices operating off battery
• Thermally Enhanced SO-28 surface mount package
BLOCK DIAGRAM
SCLK
DATAIN
CS
GOE
RUN
VBATT
MINOR GAUGE 1
MAJOR GAUGE
10-BIT SR
10-BIT SR
10-BIT SR
DATAOUT
ENABLE
7-BIT
Tan
DAC
7-BIT
Tan
DAC
7–BIT, SINE
/COSINE
DAC
ST
4-BIT STATUS
LATCH
MUX
9-BIT DATA
LATCH
BIAS, TSD
SwBATT,
COMMON
REFERENCE
MUX
MUX
SR01117
9-BIT DATA
LATCH
10-BIT DATA
LATCH
MINOR GAUGE 2
Figure 2.
STGD Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com