Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1517DR Datasheet HTML 3Page - Monolithic Power Systems MP1517DR Datasheet HTML 4Page - Monolithic Power Systems MP1517DR Datasheet HTML 5Page - Monolithic Power Systems MP1517DR Datasheet HTML 6Page - Monolithic Power Systems MP1517DR Datasheet HTML 7Page - Monolithic Power Systems MP1517DR Datasheet HTML 8Page - Monolithic Power Systems MP1517DR Datasheet HTML 9Page - Monolithic Power Systems MP1517DR Datasheet HTML 10Page - Monolithic Power Systems MP1517DR Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
7
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
Use an input capacitor value greater than 10µF.
The capacitor can be electrolytic, tantalum or
ceramic. However since it absorbs the input
switching current it requires an adequate ripple
current rating. Use a capacitor with RMS current
rating greater than the inductor ripple current.
To insure stable operation place the input
capacitor as close to the IC as possible.
Alternately a smaller high quality ceramic 0.1µF
capacitor may be placed closer to the IC with the
larger capacitor placed further away. If using this
technique, it is recommended that the larger
capacitor be a tantalum or electrolytic type. All
ceramic capacitors should be placed close to the
MP1517.
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Low ESR capacitors are
preferred to keep the output voltage ripple to a
minimum. The characteristic of the output
capacitor also affects the stability of the regulation
control system. Ceramic, tantalum, or low ESR
electrolytic capacitors are recommended. In the
case of ceramic capacitors, the impedance of the
capacitor at the switching frequency is dominated
by the capacitance, and so the output voltage
ripple is mostly independent of the ESR. The
output voltage ripple is calculated as:
(
)
SW
UT
O
IN
UT
O
LOAD
RIPPLE
f
2
C
V
V
V
I
V
×
×
−
×
=
Where VRIPPLE is the output ripple voltage, VIN and
VOUT are the DC input and output voltages
respectively, ILOAD is the load current, fSW is the
switching frequency, and C2 is the capacitance of
the output capacitor.
In the case of tantalum or low-ESR electrolytic
capacitors, the ESR dominates the impedance at
the switching frequency, and so the output ripple
is calculated as:
⎥
⎦
⎤
⎢
⎣
⎡
×
+
×
×
−
×
=
IN
OUT
ESR
SW
OUT
IN
OUT
LOAD
RIPPLE
V
V
R
2
C
f
V
)
V
V
(
I
V
Where RESR is the equivalent series resistance of
the output capacitors.
Choose an output capacitor to satisfy the output
ripple and load transient requirements of the
design. Place the output capacitor close to SW
to minimize the AC loop and switching noise.
Selecting the Diode
The output rectifier diode supplies current to the
inductor when the internal MOSFET is off. To
reduce losses due to diode forward voltage and
recovery time, use a Schottky diode. Choose a
diode whose maximum reverse voltage rating is
greater than the maximum output voltage. The
rated average forward current needs to be
equal to or greater than the load current.
Selecting the Soft-Start Capacitor
The soft-start period is determined by the equation:
C4
0.275
tSS
×
=
Where CSS (in nF) is the soft-start capacitor
from SS to SGND, and tSS (in ms) is the
soft-start period.
Determine the capacitor required for a given
soft-start period by the equation:
SS
t
3.64
C4
×
=
It is recommended that values between 10nF and
22nF for CSS be used to set the soft-start period.
Compensation
The output of the transconductance error
amplifier (COMP) is used to compensate the
regulation control system. The system uses two
poles and one zero to stabilize the control loop.
The poles are fP1 set by the output capacitor
and load resistance and fP2 set by the
compensation capacitor C3. The zero fZ1 is set
by the compensation capacitor C3 and the
compensation resistor R3.
These are determined by the equations:
fP1 =
LOAD
R
C2
1
×
×
π
fP2 =
VEA
EA
A
C3
2
G
×
×
π
×
fZ1 =
R3
C3
2
1
×
×
π
×
Where RLOAD is the load resistance, GEA is the
error amplifier transconductance, and AVEA is
the error amplifier voltage gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com