Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1517DR Datasheet HTML 1Page - Monolithic Power Systems MP1517DR Datasheet HTML 2Page - Monolithic Power Systems MP1517DR Datasheet HTML 3Page - Monolithic Power Systems MP1517DR Datasheet HTML 4Page - Monolithic Power Systems MP1517DR Datasheet HTML 5Page - Monolithic Power Systems MP1517DR Datasheet HTML 6Page - Monolithic Power Systems MP1517DR Datasheet HTML 7Page - Monolithic Power Systems MP1517DR Datasheet HTML 8Page - Monolithic Power Systems MP1517DR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP1517
3A, 25V, 1.1MHz
Step-Up Converter
MP1517 Rev. 1.4
www.MonolithicPower.com
1
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1517 is a 3A, fixed frequency step-up
converter ideal for medium-to-high current
step-up, flyback and SEPIC applications. The
high 1.1MHz switching frequency allows for
smaller external components producing a
compact solution for size constrained cameras,
PDAs and cell phones. The low 0.7V feedback
voltage offers higher efficiency in white LED
driver applications including cell phone camera
flash. The MP1517 regulates the output voltage
up to 25V with efficiencies as high as 95%.
Soft-start, cycle-by-cycle current limiting, and
input
under
voltage
lockout
prevent
overstressing or damage to sensitive external
circuitry at startup and output short-circuit
conditions.
Current-mode
regulation
and
external compensation components allow the
MP1517 control loop to be optimized over a
wide variety of input voltage, output voltage,
and load current conditions. The MP1517 is
available in the thermally enhanced QFN16
(4mm x 4mm) package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV0043
2.5”X x 2.0”Y x 0.4”Z
FEATURES
• 4A Peak Current Limit
• Low 700mV Feedback Threshold
• Internal 150mΩ Power Switch
• Input Range of 2.6V to 25V
• Up to 95% Efficiency
• Zero Current Shutdown Mode
• Under Voltage Lockout Protection
• Open Load Protection
• Soft-Start Operation
• Thermal Shutdown
• Tiny 4mm x 4mm 16-Pin QFN Package
APPLICATIONS
• Boost and SEPIC Regulators
• Handheld Computers
• Cell Phone Camera Flash, PDAs
• Digital Still and Video Cameras
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1517
IN
8
COMP
FB
SW
1
16
9, 10
SGND
PGND
5, 13
11, 12
EN
SS
BP
OLS
4
15
3
7
C5
10nF
C4
10nF
C3
10nF
C6
OPTIONAL
OFF ON
VIN
5V
D1
MBR320
VOUT
12V
MP1517_TAC_S01
100
95
90
85
80
75
70
65
60
55
50
LOAD CURRENT (mA)
MP1517-EC01
Efficiency vs
Load Current
1
10
100
1000
VIN = 5V
VOUT = 12V
VOUT = 18V


Similar Part No. - MP1517DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1517DR MPS-MP1517DR Datasheet
198Kb / 3P
3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
MP1517DR MPS-MP1517DR Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1517DR MPS-MP1517DR Datasheet
180Kb / 4P
3.3V, 1A Sepic Evaluation Board
More results

Similar Description - MP1517DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0043 MPS-EV0043 Datasheet
198Kb / 3P
3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
EV1517DR-00A MPS-EV1517DR-00A Datasheet
188Kb / 5P
3A, 25V, 1.1MHz Step-Up Converter
MP1522 MPS-MP1522 Datasheet
202Kb / 7P
25V Step-Up Converter in a SOT23-5 Package
MP1522 MPS-MP1522_06 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
2A, 21V, 1.1MHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28275 MPS-MP28275 Datasheet
407Kb / 14P
7V, 5A, 1.1MHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
3A High Performance Step-Up DC-DC Converter
August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com