Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP1517DR Datasheet HTML 5Page - Monolithic Power Systems MP1517DR Datasheet HTML 6Page - Monolithic Power Systems MP1517DR Datasheet HTML 7Page - Monolithic Power Systems MP1517DR Datasheet HTML 8Page - Monolithic Power Systems MP1517DR Datasheet HTML 9Page - Monolithic Power Systems MP1517DR Datasheet HTML 10Page - Monolithic Power Systems MP1517DR Datasheet HTML 11Page - Monolithic Power Systems MP1517DR Datasheet HTML 12Page - Monolithic Power Systems MP1517DR Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
9
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
Selecting the Output Diode
The output diode is typically a Schottky diode.
The Schottky diode is selected based upon
voltage requirement, current rating, and thermal
capability. The diode breakdown and power
switch breakdown voltage are set higher than
VOUT + VIN, since this is the voltage stress on
both of these devices. The current rating is set
based on the average load current in the diode.
The average diode current is equal to the load
current, but the peak current and power
consumption on D1 is:
IN
D
IN
LOAD
)
PEAK
(
1
D
V
V
V
I
2
I
I
+
×
+
∆
=
D
LOAD
1
D
V
I
P
×
=
Selecting the Coupling Capacitor
The steady state voltage across L1 and L2 is
equal to zero. Therefore the coupling capacitor
has VIN across it in steady state. The coupling
capacitor will need to be rated for an input
voltage plus some guard band. Also this
capacitor will need an IRMS ripple current rating:
IN
D
OUT
LOAD
)
RMS
(
8
C
V
V
V
I
I
+
×
=
Application Examples
Figure 2 shows a typical application circuit
driving multiple strings of LEDs with the
MP1517. The 3 strings of 6 white LEDs can be
driven from a voltage supply range of 2.6V to
6V at an output current of 20mA. A 1µF output
capacitor is usually sufficient for this kind of
application. A 4.7µH inductor with low DCR
(inductor
resistance)
is
recommended
to
improve efficiency. A 10µF ceramic capacitor is
recommended
for
the
input
capacitance.
Schottky diodes have fast recovery and a low
forward voltage and are recommended. The
MP1517 soft-start helps to limit the amount of
current through VIN at startup and to also limit
the amount of overshoot on the output.
Figure 3 shows a typical application running the
MP1517 in flash mode. During preview mode,
resistor R2 sets the current through the white
LEDs to 20mA. When a flash is required the
N-Channel MOSFET Q1 is turned on and
150mA
flows
through
the
LEDs.
The
compensation capacitor has been increased to
47nF. This forces the compensation node to
slowly rise when Q1 is turned on which allows
the current through the inductor to slowly
increase without overshoot. By doing this the
inrush current on the input is minimized.
Figure 4 shows a SEPIC circuit using the
MP1517 to generate 3.3V output from a 3V to
4.2V input. A peak voltage detect circuit (D2
and C7) is added to the IN pin from the highest
voltage potential (SW node) in the entire circuit.
The average voltage on C7 is roughly the sum
of VIN and VOUT. This ensures the enhancement
of the internal MOSFET switch. A transformer
with two windings can be used to replace the
two separate inductors in Figure 4. In this case,
the effective inductance value is doubled due to
the mutual inductance of each winding. This
reduces the inductor ripple current and
improves efficiency. Figures 5 and 6 show
some other SEPIC application circuits.
Layout Consideration
High frequency switching regulators require
very careful layout for stable operation and low
noise. All components must be placed as close
to the IC as possible. Keep the path between
L1, D1, and C2 (also L2, C8 if applicable)
extremely short for minimal noise and ringing.
C1 must be placed close to the IN pin for best
decoupling. All feedback components must be
kept close to the FB pin to prevent noise
injection on the FB pin trace. The ground return
of C1 and C2 should be tied close to the PGND
pins. See the MP1517 demo board layout for
reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com