Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1517DR Datasheet HTML 5Page - Monolithic Power Systems MP1517DR Datasheet HTML 6Page - Monolithic Power Systems MP1517DR Datasheet HTML 7Page - Monolithic Power Systems MP1517DR Datasheet HTML 8Page - Monolithic Power Systems MP1517DR Datasheet HTML 9Page - Monolithic Power Systems MP1517DR Datasheet HTML 10Page - Monolithic Power Systems MP1517DR Datasheet HTML 11Page - Monolithic Power Systems MP1517DR Datasheet HTML 12Page - Monolithic Power Systems MP1517DR Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
11
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
MP1517
IN
COMP
FB
SW
SGND
PGND
EN
SS
BP
OLS
C5
10nF
C4
10nF
R3
OPEN
C3
OPEN
C6
10nF
OFF ON
VIN
3V to 4.2V
D1
MBR320L
VOUT
3.3V/0.8A
D2
1N4148 OR BAT54
MP1517_F04
8
1
16
9, 10
5, 13
11, 12
4
15
3
7
Figure 4—Typical SEPIC Application Circuit
MP1517
IN
COMP
FB
SW
SGND
PGND
EN
SS
BP
OLS
C5
10nF
C4
10nF
C3
47nF
OFF ON
L2
VIN
3.3V
D1
MBR320L
VOUT
5V/0.6A
Q1
MMBT3904
D2
IN4148 OR BAT54
MP1517_F05
8
1
16
9, 10
5, 13
11, 12
4
15
3
7
Figure 5—3.3V to 5V @ 600mA SEPIC Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com