Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1517DR Datasheet HTML 5Page - Monolithic Power Systems MP1517DR Datasheet HTML 6Page - Monolithic Power Systems MP1517DR Datasheet HTML 7Page - Monolithic Power Systems MP1517DR Datasheet HTML 8Page - Monolithic Power Systems MP1517DR Datasheet HTML 9Page - Monolithic Power Systems MP1517DR Datasheet HTML 10Page - Monolithic Power Systems MP1517DR Datasheet HTML 11Page - Monolithic Power Systems MP1517DR Datasheet HTML 12Page - Monolithic Power Systems MP1517DR Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
10
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
MP1517
IN
COMP
FB
SW
OLS
SGND
PGND
EN
SS
BP
C5
10nF
C4
10nF
C3
10nF
OFF ON
VIN
2.6V to 20V
D1
MBR0540
UP TO 6
LEDs PER
STRING
MP1517_F02
8
1
16
9, 10
5, 13
11, 12
4
15
3
7
Figure 2—Driving 3 Strings of 6 White LEDs
MP1517
IN
COMP
FB
SW
OLS
SGND
PGND
EN
SS
BP
C3
47nF
OFF ON
VIN
2.6V to 6V
MBR0540
VOUT
GATE
SS
Q1
NMOS
ZXMN6A08E6TA
MP1517_F03
8
1
16
9, 10
5, 13
11, 12
4
15
3
7
Figure 3—Flash Circuit Driving 4 White LEDs (150mA Flash Current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com