Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1517DR Datasheet HTML 5Page - Monolithic Power Systems MP1517DR Datasheet HTML 6Page - Monolithic Power Systems MP1517DR Datasheet HTML 7Page - Monolithic Power Systems MP1517DR Datasheet HTML 8Page - Monolithic Power Systems MP1517DR Datasheet HTML 9Page - Monolithic Power Systems MP1517DR Datasheet HTML 10Page - Monolithic Power Systems MP1517DR Datasheet HTML 11Page - Monolithic Power Systems MP1517DR Datasheet HTML 12Page - Monolithic Power Systems MP1517DR Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP1517 – 3A, 25V, 1.1MHz STEP-UP CONVERTER
MP1517 Rev. 1.4
www.MonolithicPower.com
12
4/28/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
MP1517
IN
COMP
FB
SW
SGND
PGND
EN
SS
BP
OLS
C5
10nF
C4
10nF
C3
47nF
OFF ON
L2
L3
VIN
5V
D1
MBRS130
L1
VP1-0059
VERSA-PAC STANDARD
MULTI-WINDING XFMR
VOUT1
12V/0.2A
VOUT2
-12V/0.2A
MP1517_F06
D2
MBRS130
8
1
16
9, 10
5, 13
11, 12
4
15
3
7
Figure 6—±12V SEPIC Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com