Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 9Page - Exar Corporation XRT86VL34IB Datasheet HTML 10Page - Exar Corporation XRT86VL34IB Datasheet HTML 11Page - Exar Corporation XRT86VL34IB Datasheet HTML 12Page - Exar Corporation XRT86VL34IB Datasheet HTML 13Page - Exar Corporation XRT86VL34IB Datasheet HTML 14Page - Exar Corporation XRT86VL34IB Datasheet HTML 15Page - Exar Corporation XRT86VL34IB Datasheet HTML 16Page - Exar Corporation XRT86VL34IB Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 175 page
background image
XRT86VL34
8
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
LIU Channel Control Register 1
LIUCCR1
0x0Fn1
LIU Channel Control Register 2
LIUCCR2
0x0Fn2
LIU Channel Control Register 3
LIUCCR3
0x0Fn3
LIU Channel Control Interrupt Enable Register
LIUCCIER
0x0Fn4
LIU Channel Control Status Register
LIUCCSR
0x0Fn5
LIU Channel Control Interrupt Status Register
LIUCCISR
0x0Fn6
LIU Channel Control Cable Loss Register
LIUCCCCR
0x0Fn7
LIU Channel Control Arbitrary Register 1
LIUCCAR1
0x0Fn8
LIU Channel Control Arbitrary Register 2
LIUCCAR2
0x0Fn9
LIU Channel Control Arbitrary Register 3
LIUCCAR3
0x0FnA
LIU Channel Control Arbitrary Register 4
LIUCCAR4
0x0FnB
LIU Channel Control Arbitrary Register 5
LIUCCAR5
0x0FnC
LIU Channel Control Arbitrary Register 6
LIUCCAR6
0x0FnD
LIU Channel Control Arbitrary Register 7
LIUCCAR7
0x0FnE
LIU Channel Control Arbitrary Register 8
LIUCCAR8
0x0FnF
Reserved
-
0x0F80 -
0x0FDF
LIU Register Summary - Global Control Registers
LIU Global Control Register 0
LIUGCR0
0x0FE0
LIU Global Control Register 1
LIUGCR1
0x0FE1
LIU Global Control Register 2
LIUGCR2
0x0FE2
LIU Global Control Register 3
LIUGCR3
0x0FE4
LIU Global Control Register 4
LIUGCR4
0x0FE9
LIU Global Control Register 5
LIUGCR5
0x0FEA
Reserved
-
0x0FEB -
0x0FFF
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com