Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 27Page - Exar Corporation XRT86VL34IB Datasheet HTML 28Page - Exar Corporation XRT86VL34IB Datasheet HTML 29Page - Exar Corporation XRT86VL34IB Datasheet HTML 30Page - Exar Corporation XRT86VL34IB Datasheet HTML 31Page - Exar Corporation XRT86VL34IB Datasheet HTML 32Page - Exar Corporation XRT86VL34IB Datasheet HTML 33Page - Exar Corporation XRT86VL34IB Datasheet HTML 34Page - Exar Corporation XRT86VL34IB Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 175 page
background image
XRT86VL34
26
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
2-0
FASC [2:0]
R/W
011
Loss of FAS Alignment Defect Declaration Criteria Select [2:0]
These bits permit the user to specify the Loss of FAS Alignment defect
declaration criteria. The following table presents the different FAS
Alignment Algorithms in terms of the number of consecutive erred FAS
patterns within a multiframe that the E1 Receiver Framer will receive
before it declares the “Loss of FAS Alignment” defect conditions
NOTE:
Loss of FAS alignment will force the E1 receive framer to
declare the loss of CAS multiframe alignment and loss of CRC
multiframe alignment.
TABLE 7: FRAMING CONTROL REGISTER (FCR)
HEX ADDRESS: 0Xn10B
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
FASC[2:0]
LOSS OF FAS ALIGNMENT DECLARATION CRITERIA
000
Setting these bits to ‘b000’ is illegal. Do not use
this configuration.
001
1 FAS Alignment pattern
010
2 consecutive FAS Alignment patterns
011
3 consecutive FAS Alignment patterns
100
4 consecutive FAS Alignment patterns
101
5 consecutive FAS Alignment patterns
110
6 consecutive FAS Alignment patterns
111
7 consecutive FAS Alignment patterns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com