Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 33Page - Exar Corporation XRT86VL34IB Datasheet HTML 34Page - Exar Corporation XRT86VL34IB Datasheet HTML 35Page - Exar Corporation XRT86VL34IB Datasheet HTML 36Page - Exar Corporation XRT86VL34IB Datasheet HTML 37Page - Exar Corporation XRT86VL34IB Datasheet HTML 38Page - Exar Corporation XRT86VL34IB Datasheet HTML 39Page - Exar Corporation XRT86VL34IB Datasheet HTML 40Page - Exar Corporation XRT86VL34IB Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 175 page
background image
XRT86VL34
32
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 14: RECEIVE EXTRA BITS REGISTER (REBR)
HEX ADDRESS: 0Xn112
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
In-Frame
RO
0
In Frame State:
This READ-ONLY bit indicates whether the Receive E1 Framer block is
currently declaring the “In-Frame” condition with the incoming E1 data-
stream.
0 - Indicates that the Receive E1 Framer block is currently declaring the
LOF (Loss of Frame) Defect condition.
1 - Indicates that the Receive E1 Framer block is currently declaring itself
to be in the “In-Frame” condition.
6
TBR4_Std
R/W
0
TBR4 Standard
Setting this bit will force the XRT86VL34 to be compliant with the TBR-4
standard for “Loss of CRC-4 Multiframe Alignment Criteria”.
0 - Backward compatible with XRT86L38 for Loss of CRC-4 Multiframe
Criteria. When CRCC[1:0] (from register 0xn10B) is set to’11’, Loss of
CRC-4 Multiframe Alignment will declare if 915 or more CRC-4 errors
have been detected in 1 second.
1 - “TBR-4 Compliant” Loss of CRC-4 Multiframe Alignment Criteria -
When CRCC[1:0] (from register 0xn10B) is set to’11’, Loss of CRC-4 Mul-
tiframe Alignment will declare if 4 consecutive CRC-4 Multiframe Align-
ment have been received in error OR if 915 or more CRC-4 errors have
been detected in 1 second.
5-4
Reserved
-
-
Reserved
3
EX1
RO
x
Extra Bit 1
This READ ONLY bit field indicates the value of the most recently
received Extra Bit value (bit 5 within timeslot 16 of frame 0 of the signal-
ing multiframe).
NOTE:
This bit only has meaning if the framer is using Channel
Associated Signaling.
2
ALARMFE
RO
x
CAS Multi-Frame Yellow Alarm
This READ ONLY bit field indicates the value of the most recently
received CAS Multiframe Yellow Alarm Bit (bit 6 within timeslot 16 of
frame 0 of the signaling multiframe).
0 = Indicates that the E1 receive framer block is NOT receiving the CAS
Multiframe Yellow Alarm.
1 = Indicates that the E1 receive framer block is currently receiving the
CAS Multiframe Yellow Alarm.
NOTE:
This bit only has meaning if the framer is using Channel
Associated Signaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com