Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 14Page - Exar Corporation XRT86VL34IB Datasheet HTML 15Page - Exar Corporation XRT86VL34IB Datasheet HTML 16Page - Exar Corporation XRT86VL34IB Datasheet HTML 17Page - Exar Corporation XRT86VL34IB Datasheet HTML 18Page - Exar Corporation XRT86VL34IB Datasheet HTML 19Page - Exar Corporation XRT86VL34IB Datasheet HTML 20Page - Exar Corporation XRT86VL34IB Datasheet HTML 21Page - Exar Corporation XRT86VL34IB Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 175 page
background image
XRT86VL34
13
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. V1.2.0
86VL34
TABLE 3: FRAMING SELECT REGISTER (FSR)
HEX ADDRESS: 0Xn107
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7
G.706 Annex B
CRC-4 Calcula-
tion Enable
R/W
0
G.706 Annex B CRC-4 Calculation Enable
This bit configures the E1 Receive Framer Block to be compliant with ITU-T
G.706 Annex B for CRC-to-non-CRC interworking detection. If Annex B is
enabled, G.706 Annex B CRC-4 multiframe alignment algorithm is imple-
mented. If CRC-4 alignment is enabled and not achieved in 400msec while
the basic frame alignment signal is present, it is assumed that the remote
end is a non CRC-4 equipment. A CRC-to-Non-CRC interworking interrupt
will be generated. The CRC-to-Non-CRC interworking interrupt Status can
be read from Register Address 0xnB0A.
0 - Configures the Receive E1 Framer block to NOT support the “G.706
Annex B” CRC-4 Multiframe Alignment algorithm.
1 - Configures the Receive E1 Framer block to support the “G.706 Annex B”
CRC-4 Multiframe Alignment algorithm.
6
Transmit CRC-4
Error
R/W
0
Transmit CRC-4 Error
This bit is used to force a continuous errored CRC pattern in the outbound
CRC multiframe to be sent on the transmission line. The Transmit E1
Framer Block will implement this error by inverting the value of CRC bit
(C1).
0 = Disables the Transmit E1 Framer Block to transmit errored CRC bit.
1 = Forces the Transmit E1 Framer Block to transmit continuous errored
CRC bit.
NOTE: This bit is ignored if CRC multi-Framing is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com