Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 72 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 72 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 68Page - Exar Corporation XRT86VL34IB Datasheet HTML 69Page - Exar Corporation XRT86VL34IB Datasheet HTML 70Page - Exar Corporation XRT86VL34IB Datasheet HTML 71Page - Exar Corporation XRT86VL34IB Datasheet HTML 72Page - Exar Corporation XRT86VL34IB Datasheet HTML 73Page - Exar Corporation XRT86VL34IB Datasheet HTML 74Page - Exar Corporation XRT86VL34IB Datasheet HTML 75Page - Exar Corporation XRT86VL34IB Datasheet HTML 76Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 175 page
background image
XRT86VL34
67
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. V1.2.0
TABLE 52: RECEIVE SA7 REGISTER (RSA7R)
HEX ADDRESS: 0Xn13E
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
RxSa7[7:0]
RO
00000000 Received Sa7 Sequence
The content of this register stores the Sa 7 bits in the most recently
received CRC-4 multiframe. This register is updated when the entire
multiframe is received.
This register will show the contents of the received Sa7 bits if data
link selects Sa7 bit for reception. (i.e.RxSa7ENB bit in register
0xn10Ch = 1).
Bit 7 of this register indicates the received Sa7 bit in frame 2 of the
CRC-4 multiframe, and bit 6 of this register indicates the received
Sa7 bit in frame 4 of the CRC-4 multiframe,...etc.
TABLE 53: RECEIVE SA8 REGISTER (RSA8R)
HEX ADDRESS: 0Xn13F
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
RxSa8[7:0]
RO
00000000 Received Sa8 Sequence
The content of this register stores the Sa 8 bits in the most recently
received CRC-4 multiframe. This register is updated when the entire
multiframe is received.
This register will show the contents of the received Sa8 bits if data
link selects Sa8 bit for reception. (i.e.RxSa8ENB bit in register
0xn10Ch = 1).
Bit 7 of this register indicates the received Sa8 bit in frame 2 of the
CRC-4 multiframe, and bit 6 of this register indicates the received
Sa8 bit in frame 4 of the CRC-4 multiframe,...etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com