Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL34IB Datasheet(PDF) 69 Page - Exar Corporation

Part # XRT86VL34IB
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 69 Page - Exar Corporation

Back Button XRT86VL34IB Datasheet HTML 65Page - Exar Corporation XRT86VL34IB Datasheet HTML 66Page - Exar Corporation XRT86VL34IB Datasheet HTML 67Page - Exar Corporation XRT86VL34IB Datasheet HTML 68Page - Exar Corporation XRT86VL34IB Datasheet HTML 69Page - Exar Corporation XRT86VL34IB Datasheet HTML 70Page - Exar Corporation XRT86VL34IB Datasheet HTML 71Page - Exar Corporation XRT86VL34IB Datasheet HTML 72Page - Exar Corporation XRT86VL34IB Datasheet HTML 73Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 175 page
background image
XRT86VL34
64
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 44: TRANSMIT Sa4 REGISTER (TSA4R)
HEX ADDRESS: 0XN133
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
TxSa4[7:0]
R/W
11111111
Transmit Sa4 Sequence
The content of this register sources the transmit Sa4 bits if data link
selects Sa 4 bit for transmission and if Sa4 is inserted from register.
(i.e. TxSa4ENB bit in register 0xn10A = 1 and TxSa4SEL bit in reg-
ister 0xn130 = 1).
Bit 7 of this register is transmitted in the Sa4 position in frame 2 of
the CRC-4 multiframe, and bit 6 of this register is transmitted in the
Sa4 position in frame 4 of the CRC-4 multiframe,...etc.
TABLE 45: TRANSMIT Sa5 REGISTER (TSA5R)
HEX ADDRESS: 0XN134
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
TxSa5[7:0]
R/W
11111111
Transmit Sa5 Sequence
The content of this register sources the transmit Sa5 bits if data link
selects Sa 5 bit for transmission and if Sa5 is inserted from register.
(i.e. TxSa5ENB bit in register 0xn10A = 1 and TxSa5SEL bit in reg-
ister 0xn130 = 1).
Bit 7 of this register is transmitted in the Sa5 position in frame 2 of
the CRC-4 multiframe, and bit 6 of this register is transmitted in the
Sa5 position in frame 4 of the CRC-4 multiframe,...etc.
TABLE 46: TRANSMIT Sa6 REGISTER (TSA6R)
HEX ADDRESS: 0XN135
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
TxSa6[7:0]
R/W
11111111
Transmit Sa6 Sequence
The content of this register sources the transmit Sa6 bits if data link
selects Sa 6 bit for transmission and if Sa6 is inserted from register.
(i.e. TxSa6ENB bit in register 0xn10A = 1 and TxSa6SEL bit in reg-
ister 0xn130 = 1).
Bit 7 of this register is transmitted in the Sa6 position in frame 2 of
the CRC-4 multiframe, and bit 6 of this register is transmitted in the
Sa6 position in frame 4 of the CRC-4 multiframe,...etc.
TABLE 47: TRANSMIT Sa7 REGISTER (TSA7R)
HEX ADDRESS: 0XN136
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
TxSa7[7:0]
R/W
11111111
Transmit Sa7 Sequence
The content of this register sources the transmit Sa7 bits if data link
selects Sa 7 bit for transmission and if Sa7 is inserted from register.
(i.e. TxSa7ENB bit in register 0xn10A = 1 and TxSa7SEL bit in reg-
ister 0xn130 = 1).
Bit 7 of this register is transmitted in the Sa7 position in frame 2 of
the CRC-4 multiframe, and bit 6 of this register is transmitted in the
Sa7 position in frame 4 of the CRC-4 multiframe,...etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com