Electronic Components Datasheet Search
  English  ▼

X  

X8R Datasheet(PDF) 7 Page - EPCOS

Part # X8R
Description  Multilayer ceramic capacitors Chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X8R Datasheet(HTML) 7 Page - EPCOS

Back Button X8R Datasheet HTML 3Page - EPCOS X8R Datasheet HTML 4Page - EPCOS X8R Datasheet HTML 5Page - EPCOS X8R Datasheet HTML 6Page - EPCOS X8R Datasheet HTML 7Page - EPCOS X8R Datasheet HTML 8Page - EPCOS X8R Datasheet HTML 9Page - EPCOS X8R Datasheet HTML 10Page - EPCOS X8R Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
X8R
Multilayer ceramic capacitors
Ordering codes and packing for X8R, 50 VDC, nickel barrier terminations
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
**
60
**
70
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
Case size 0603, 50 VDC
100. pF
B37540K5101K0**
0.8
± 0.1
4000
16000
150. pF
B37540K5151K0**
0.8
± 0.1
4000
16000
220. pF
B37540K5221K0**
0.8
± 0.1
4000
16000
330. pF
B37540K5331K0**
0.8
± 0.1
4000
16000
470. pF
B37540K5471K0**
0.8
± 0.1
4000
16000
680. pF
B37540K5681K0**
0.8
± 0.1
4000
16000
1.0 nF
B37540K5102K0**
0.8
± 0.1
4000
16000
1.5 nF
B37540K5152K0**
0.8
± 0.1
4000
16000
2.2 nF
B37540K5222K0**
0.8
± 0.1
4000
16000
3.3 nF
B37540K5332K0**
0.8
± 0.1
4000
16000
4.7 nF
B37540K5472K0**
0.8
± 0.1
4000
16000
Case size 0805, 50 VDC
470. pF
B37541K5471K0**
0.6
± 0.1
5000
20000
680. pF
B37541K5681K0**
0.6
± 0.1
5000
20000
1.0 nF
B37541K5102K0**
0.6
± 0.1
5000
20000
1.5 nF
B37541K5152K0**
0.6
± 0.1
5000
20000
2.2 nF
B37541K5222K0**
0.6
± 0.1
5000
20000
3.3 nF
B37541K5332K0**
0.6
± 0.1
5000
20000
4.7 nF
B37541K5472K0**
0.6
± 0.1
5000
20000
6.8 nF
B37541K5682K0**
0.6
± 0.1
5000
20000
10. nF
B37541K5103K0**
0.6
± 0.1
5000
20000
15. nF
B37541K5153K0**
0.6
± 0.1
5000
20000
22. nF
B37541K5223K0**
0.6
± 0.1
5000
20000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 4.
^
^
X8R; 0603 and 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com