Electronic Components Datasheet Search
  English  ▼

X  

X8R Datasheet(PDF) 3 Page - EPCOS

Part # X8R
Description  Multilayer ceramic capacitors Chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X8R Datasheet(HTML) 3 Page - EPCOS

  X8R Datasheet HTML 1Page - EPCOS X8R Datasheet HTML 2Page - EPCOS X8R Datasheet HTML 3Page - EPCOS X8R Datasheet HTML 4Page - EPCOS X8R Datasheet HTML 5Page - EPCOS X8R Datasheet HTML 6Page - EPCOS X8R Datasheet HTML 7Page - EPCOS X8R Datasheet HTML 8Page - EPCOS X8R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Features
■ Max. relative capacitance change up to 150
°C is ±15%
■ Non-linear capacitance change
■ High insulation resistance
■ High pulse strength
■ To AEC-Q200
Applications
■ Automotive
■ Blocking
■ Coupling
■ Decoupling
■ Interference suppression
Termination
■ For soldering: Nickel barrier terminations (Ni)
Options
■ Alternative capacitance tolerances available on request
Delivery mode
■ Cardboard and blister tape (blister tape for chip thickness
³1.2 ±0.1 mm and case size 1210)
180-mm and 330-mm reel available
Electrical data
Temperature characteristic
X8R
Max. relative capacitance change
within –55
°C to +150 °C
DC/C
±15
%
Climatic category (IEC 60068-1)
55/150/56
Standard
EIA
Dielectric
Class 2
Rated voltage1)
VR
50
VDC
Test voltage
Vtest
2.5 · VR/5 s
VDC
Capacitance range / E series
CR
100 pF … 150 nF (E6)
Dissipation factor (limit value)
tan
d
<25 · 10–3
Insulation resistance2) at + 25
°CRins
>105
M
W
Insulation resistance2) at +125
°CRins
>104
M
W
Time constant2) at + 25
°C
t
>1000
s
Time constant2) at +125
°C
t
>100
s
Operating temperature range
Top
–55 … +150
°C
Ageing3)
yes
1) Note: No operation on AC line.
2) For CR >10 nF the time constant t = C · Rins is given.
3) Refer to chapter “General technical information”, “Ageing”.
Chip
X8R
Multilayer ceramic capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com