Electronic Components Datasheet Search
  English  ▼

X  

X8R Datasheet(PDF) 4 Page - EPCOS

Part # X8R
Description  Multilayer ceramic capacitors Chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X8R Datasheet(HTML) 4 Page - EPCOS

  X8R Datasheet HTML 1Page - EPCOS X8R Datasheet HTML 2Page - EPCOS X8R Datasheet HTML 3Page - EPCOS X8R Datasheet HTML 4Page - EPCOS X8R Datasheet HTML 5Page - EPCOS X8R Datasheet HTML 6Page - EPCOS X8R Datasheet HTML 7Page - EPCOS X8R Datasheet HTML 8Page - EPCOS X8R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Multilayer ceramic capacitors
X8R
Capacitance tolerances
Dimensional drawing
Dimensions (mm)
Tolerances to CECC 32101-801
Code letter
J
K
(standard)
M
Tolerance
±5%
±10%
±20%
Case size
(inch)
(mm)
0603
1608
0805
2012
1206
3216
1210
3225
l
1.6
±0.15
2.00
±0.20
3.2
±0.20
3.2
±0.30
b
0.8
±0.10
1.25
±0.15
1.6
±0.15
2.5
±0.30
s
0.8
±0.10
1.30 max.
1.30 max.
1.30 max.
k
0.1 –0.40
0.13 –0.75
0.25 –0.75
0.25 –0.75
KKE0329-N
k
b
k
X8R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com