Electronic Components Datasheet Search
  English  ▼

X  

X8R Datasheet(PDF) 2 Page - EPCOS

Part # X8R
Description  Multilayer ceramic capacitors Chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X8R Datasheet(HTML) 2 Page - EPCOS

  X8R Datasheet HTML 1Page - EPCOS X8R Datasheet HTML 2Page - EPCOS X8R Datasheet HTML 3Page - EPCOS X8R Datasheet HTML 4Page - EPCOS X8R Datasheet HTML 5Page - EPCOS X8R Datasheet HTML 6Page - EPCOS X8R Datasheet HTML 7Page - EPCOS X8R Datasheet HTML 8Page - EPCOS X8R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Ordering code system
Capacitance, coded
(example)
102
10 · 102 pF = 1 nF
103
10 · 103 pF = 10 nF
^
^
B37541
K
5
102
K
0
60
Packaging
60
cardboard tape, 180-mm reel
62
blister tape, 180-mm reel
70
cardboard tape, 330-mm reel
72
blister tape, 330-mm reel
^
^
^
^
Internal coding
Capacitance tolerance
J
± 5%
K
± 10% (standard)
M
± 20%
^
^
^
Rated voltage
Rated voltage [VDC]
Code
50
5
Termination
Type and size
Chip size
(inch / mm)
0603 / 1608
0805 / 2012
1206 / 3216
1210 / 3225
Temperature characteristic
X8R
B37540
B37541
B37472
B37550
Standard:
On request:
K
nickel barrier for all case sizes
J
silver-palladium for conductive adhesion for all case sizes
^
^
Chip
X8R
Multilayer ceramic capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com