Electronic Components Datasheet Search
  English  ▼

X  

X8R Datasheet(PDF) 8 Page - EPCOS

Part # X8R
Description  Multilayer ceramic capacitors Chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X8R Datasheet(HTML) 8 Page - EPCOS

Back Button X8R Datasheet HTML 4Page - EPCOS X8R Datasheet HTML 5Page - EPCOS X8R Datasheet HTML 6Page - EPCOS X8R Datasheet HTML 7Page - EPCOS X8R Datasheet HTML 8Page - EPCOS X8R Datasheet HTML 9Page - EPCOS X8R Datasheet HTML 10Page - EPCOS X8R Datasheet HTML 11Page - EPCOS X8R Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Multilayer ceramic capacitors
X8R
Ordering codes and packing for X8R, 50 VDC, nickel barrier terminations
Chip thickness
Cardboard tape,
Æ 180-mm reel
Cardboard tape,
Æ 330-mm reel
**
60
**
70
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
Case size 1206, 50 VDC
1.0 nF
B37472K5102K0**
0.8
± 0.1
4000
16000
1.5 nF
B37472K5152K0**
0.8
± 0.1
4000
16000
2.2 nF
B37472K5222K0**
0.8
± 0.1
4000
16000
3.3 nF
B37472K5332K0**
0.8
± 0.1
4000
16000
4.7 nF
B37472K5472K0**
0.8
± 0.1
4000
16000
6.8 nF
B37472K5682K0**
0.8
± 0.1
4000
16000
10. nF
B37472K5103K0**
0.8
± 0.1
4000
16000
15. nF
B37472K5153K0**
0.8
± 0.1
4000
16000
22. nF
B37472K5223K0**
0.8
± 0.1
4000
16000
33. nF
B37472K5333K0**
0.8
± 0.1
4000
16000
47. nF
B37472K5473K0**
0.8
± 0.1
4000
16000
68. nF
B37472K5683K0**
1.2
± 0.1
30003)
120004)
100. nF
B37472K5104K0**
1.2
± 0.1
30003)
120004)
Blister tape,
Æ 180-mm reel
Blister tape,
Æ 330-mm reel
**
62
**
72
pcs/reel
pcs/reel
Case size 1210, 50 VDC
10. nF
B37550K5103K0**
0.8
± 0.1
4000
16000
15. nF
B37550K5153K0**
0.8
± 0.1
4000
16000
22. nF
B37550K5223K0**
0.8
± 0.1
4000
16000
33. nF
B37550K5333K0**
0.8
± 0.1
4000
16000
47. nF
B37550K5473K0**
0.8
± 0.1
4000
16000
68. nF
B37550K5683K0**
0.8
± 0.1
4000
16000
100. nF
B37550K5104K0**
0.8
± 0.1
4000
16000
150. nF
B37550K5154K0**
1.2
± 0.1
3000
12000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 4.
3) Blister tape, 180-mm reel, ordering code **
62
4) Blister tape, 330-mm reel, ordering code **
72
^
^
^
^
^
^
X8R; 1206 and 1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com