Electronic Components Datasheet Search
  English  ▼

X  

X8R Datasheet(PDF) 12 Page - EPCOS

Part # X8R
Description  Multilayer ceramic capacitors Chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X8R Datasheet(HTML) 12 Page - EPCOS

Back Button X8R Datasheet HTML 5Page - EPCOS X8R Datasheet HTML 6Page - EPCOS X8R Datasheet HTML 7Page - EPCOS X8R Datasheet HTML 8Page - EPCOS X8R Datasheet HTML 9Page - EPCOS X8R Datasheet HTML 10Page - EPCOS X8R Datasheet HTML 11Page - EPCOS X8R Datasheet HTML 12Page - EPCOS X8R Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
10/06
Multilayer ceramic capacitors
Cautions and warnings
The following should be considered in the placement process
1. Ensure correct positioning of the ceramic capacitor on the solder pad.
2. Caution when using casting, injection-molded and molding compounds and cleaning agents,
as these may damage the capacitor.
3. Support the circuit board and reduce the placement forces.
4. A board should not be straightened (manually) if it has been distorted by soldering.
5. Separate panels with a peripheral saw, or better with a milling head (no dicing or breaking).
6. Caution in the subsequent placement of heavy or leaded components (e.g. transformers or
snap-in components): danger of bending and fracture.
7. When testing, transporting, packing or incorporating the board, avoid any deformation of the
board not to damage the components.
8. Avoid the use of excessive force when plugging a connector into a device soldered onto the
board.
9. Ceramic capacitors must be soldered only by the mode (reflow or wave soldering) permissible
for them (see the chapter “Soldering directions”).
10. When soldering the most gentle solder profile feasible should be selected (heating time, peak
temperature, cooling time) in order to avoid thermal stresses and damage.
11. Ensure the correct solder meniscus height and solder quantity.
12. Ensure correct dosing of the cement quantity.
13. Ceramic capacitors with an AgPd external termination are not suited for the lead-free solder
process: they were developed only for conductive adhesion technology.
This listing does not claim to be complete, but merely reflects the experience of EPCOS AG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com