Electronic Components Datasheet Search
  English  ▼

X  

SCN68562 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SCN68562
Description  Dual universal serial communications controller DUSCC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68562 Datasheet(HTML) 4 Page - NXP Semiconductors

  SCN68562 Datasheet HTML 1Page - NXP Semiconductors SCN68562 Datasheet HTML 2Page - NXP Semiconductors SCN68562 Datasheet HTML 3Page - NXP Semiconductors SCN68562 Datasheet HTML 4Page - NXP Semiconductors SCN68562 Datasheet HTML 5Page - NXP Semiconductors SCN68562 Datasheet HTML 6Page - NXP Semiconductors SCN68562 Datasheet HTML 7Page - NXP Semiconductors SCN68562 Datasheet HTML 8Page - NXP Semiconductors SCN68562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Philips Semiconductors
Product specification
SCN68562
Dual universal serial communications controller (DUSCC)
1995 May 01
4
ORDERING INFORMATION
DESCRIPTION
VCC = +5V +5%, TA = 0°C to +70°C
DWG #
DESCRIPTION
Serial Data Rate = 4Mbps Maximum
DWG #
48-Pin Plastic Dual In-Line Package (DIP)
SCN68562C4N48
SOT240-1
52-Pin Plastic Leaded Chip Carrier (PLCC) Package
SCN68562C4A52
SOT238-3
NOTE: See SCN26562/SCN68562 User’s Guide for detailed description of all the features.
BLOCK DIAGRAM
CHANNEL MODE
AND TIMING A/B
CTCRA/B
CTPRHA/B
CTPRLA/B
DPLL CLK
MUX A/B
DPLL A/B
BRG
COUNTER/
TIMER A/B
C/T CLK
MUX A/B
CTHA/B
CTLA/B
TRANSMIT A/B
TRANS CLK
MUX
TPRA/B
TTRA/B
TX SHIFT
REG
CRC
GEN
TRANSMIT
4 DEEP
FIFO
SPEC CHAR
GEN LOGIC
RECEIVER A/B
RPRA/B
RTRA/B
S1RA/B
RCVR CLK
MUX
S2RA/B
RCVR
SHIFT REG
RECEIVER
4 DEEP
FIFO
CRC
ACCUM
BISYNC
COMPARE
LOGIC
TxD A/B
RxD A/B
INTERFACE/
OPERATION
CONTROL
ICTSRA/B
GSR
CMR1A/B
ADDRESS
DECODE
DMA
CONTROL
CMR2A/B
OMRA/B
R/W
DECODE
CCRA/B
PCRA/B
RSRA/B
TRSRA/B
ICRA/B
IERA/B
IVR
IVRM
INTERRRUPT
CONTROL
OSCILLATOR
SPECIAL
FUNCTION
PINS
DMA INTERFACE
MPU
INTERFACE
BUS
BUFFER
D0-D7
DTACKN
RWN
A1-A6
CSN
RESETN
RTxDRQAN/GPO1AN
RTxDRQBN/GPO1BN
TxDRQAN/GPO2AN
TxDRQBN/GPO2BN
RTxDAKAN/GPI1AN
RTxDAKBN/GPI1BN
TxDAKAN/GPI2AN
TxDAKBN/GPI2BN
DTCN
DONEN
TRxCA/B
RTxCA/B
RTSBN/SYNOUTBN
RTSAN/SYNOUTAN
CTSA/BN
DCDBN/SYNIBN
DCDAN/SYNIAN
IRQN
IACKN
X1/CLK
X2/IDCN
DUSCC
LOGIC
CONTROL
SD00223
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com