Electronic Components Datasheet Search
  English  ▼

X  

SCN68562 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SCN68562
Description  Dual universal serial communications controller DUSCC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68562 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SCN68562 Datasheet HTML 3Page - NXP Semiconductors SCN68562 Datasheet HTML 4Page - NXP Semiconductors SCN68562 Datasheet HTML 5Page - NXP Semiconductors SCN68562 Datasheet HTML 6Page - NXP Semiconductors SCN68562 Datasheet HTML 7Page - NXP Semiconductors SCN68562 Datasheet HTML 8Page - NXP Semiconductors SCN68562 Datasheet HTML 9Page - NXP Semiconductors SCN68562 Datasheet HTML 10Page - NXP Semiconductors SCN68562 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Philips Semiconductors
Product specification
SCN68562
Dual universal serial communications controller (DUSCC)
1995 May 01
7
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
RATING
UNIT
TA
Operating ambient temperature2
0 to +70
°C
TSTG
Storage Temperature
-65 to +150
°C
VCC
Voltage from VCC to GND3
-0.5 to +7.0
V
VS
Voltage from any pin to ground3
-0.5 to VCC +0.5
V
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation section of this specification is not
implied.
2. For operating at elevated temperatures, the device must be derated based on +150
°C maximum junction temperature and thermal
resistance of 40
°C/W for plastic DIP and 42°C/W for PLCC.
3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima.
DC ELECTRICAL CHARACTERISTICS1, 4
TA = 0 to +70°C, VCC = 5.0V + 5%
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VIL
Input low voltage:
All except X1/CLK
0.8
V
X1/CLK
0.4
V
VIH
Input high voltage:
All except X1/CLK
2.0
V
X1/CLK
2.4
VCC
V
VOL
Output low voltage:
All except IRQN, DONEN
IOL = 5.3mA
0.5
V
IRQN, DONEN
IOL = 8.8mA
0.5
V
VOH
Output high voltage:
(Except open drain outputs)
IOH = -400µA
2.4
V
IILX1
X1/CLK input low current3
VIN = 0, X2 = GND
-5.5
0.0
mA
IIHX1
X1/CLK input high current3
VIN = VCC, X2 = GND
1.0
mA
IILX2
X2 input low current3
VIN = 0, X1 = open
-100
µA
IIHX2
X2 input high current3
VIN = VCC, X1 = open
100
µA
IIL
Input low current
DTCN, TxDAKA/BN, RTxDAKA/BN
VIN = 0
-40
µA
IL
Input leakage current
VIN = 0 to VCC
-5
5
µA
IOZH
Output off current high, 3-State data bus
VIN = VCC
5
µA
IOZL
Output off current low, 3-State data bus
VIN = 0
-5
µA
IODL
Open drain output low current in off
VIN = 0
state:
DONEN
-120
-25
µA
IRQN, DTACKN
-5
µA
IODH
Open drain output high current in off
VIN = VCC
state:
DONEN, IRQN, DTACKN
5
µA
ICC
Power supply current
VO = 0 to VCC
275
mA
CIN
Input capacitance2
VCC = GND = 0
10
pF
COUT
Output capacitance2
VCC = GND = 0
15
pF
CI/O
Input/output capacitance2
VCC = GND = 0
20
pF
NOTES:
1. Parameters are valid over specified temperature and voltage range.
2. These values were not explicitly tested; they are guaranteed by design and characterization data.
3. X1/CLK and X2 are not tested with a crystal installed.
4. This specification applies to revision D, revision E and later revisions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com