Electronic Components Datasheet Search
  English  ▼

X  

SCN68562 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SCN68562
Description  Dual universal serial communications controller DUSCC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68562 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SCN68562 Datasheet HTML 2Page - NXP Semiconductors SCN68562 Datasheet HTML 3Page - NXP Semiconductors SCN68562 Datasheet HTML 4Page - NXP Semiconductors SCN68562 Datasheet HTML 5Page - NXP Semiconductors SCN68562 Datasheet HTML 6Page - NXP Semiconductors SCN68562 Datasheet HTML 7Page - NXP Semiconductors SCN68562 Datasheet HTML 8Page - NXP Semiconductors SCN68562 Datasheet HTML 9Page - NXP Semiconductors SCN68562 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Philips Semiconductors
Product specification
SCN68562
Dual universal serial communications controller (DUSCC)
1995 May 01
6
PIN DESCRIPTION (Continued)
MNEMONIC
DIP
PIN NO.
TYPE
NAME AND FUNCTION
TRxCA, TRxCB
40, 9
I/O
Channel A (B) Transmitter/Receiver Clock: As an input, it can supply the receiver,
transmitter, counter/timer, or DPLL clock. As an output, it can supply the counter/timer
output, the DPLL output, the transmitter shift clock (1X), the receiver sampling clock (1X),
the transmitter BRG clock (16X), The receiver BRG clock (16X), or the internal system
clock (X1/2). The maximum external receiver/transmitter clock frequency is 4MHz.
CTSA/BN, LCA/BN
32, 17
I/O
Channel A (B) Clear-To-Send Input or Loop Control Output: Active-Low. The signal
can be programmed to act as an enable for the transmitter when not in loop mode. The
DUSCC detects logic level transitions on this input and can be programmed to generate an
interrupt when a transition occurs. When operating in the COP loop mode, this pin
becomes a loop control output which is asserted and negated by DUSCC commands.
This output provides the means of controlling external loop interface hardware to go on-line
and off-line without disturbing operation of the loop.
DCDA/BN,
SYNIA/BN
38, 11
I
Channel A (B) Data Carrier Detected or External Sync Input: The function of this pin is
programmable. As a DCD active-Low input, it acts as an enable for the receiver or can be
used as a general purpose input for the DCD function, the DUSCC detects logic level
transitions on this input and can be programmed to generate an interrupt when a transition
occurs. As an active-Low external sync input, it is used in COP modes to obtain character
synchronization without receipt of a SYN character. This mode can be used in disc or
tape controller applications or for the optional byte timing lead in X.21.
RTxDRQA/BN,
GPO1A/BN
34, 15
O
Channel A (B) Receiver/Transmitter DMA Service Request or General Purpose
Output: Active-Low. For half-duplex DMA operation, this output indicates to the DMA
controller that one or more characters are available in the receiver FIFO (when the
receiver is enabled) or that the transmit FIFO is not full (when the transmitter is enabled).
For full-duplex DMA operation, this output indicates to the DMA controller that data is
available in the receiver FIFO. In non-DMA mode, this pin is a general purpose output that
can be asserted and negated under program control.
TxDRQA/BN,
GPO2A/BN,
RTSA/BN
33, 16
O
Channel A (B) Transmitter DMA Service Request, General Purpose Output, or
Request-to-Send: Active-Low. For full-duplex DMA operation, this output indicates to the
DMA controller that the transmit FIFO is not full and can accept more data. When not in
full-duplex DMA mode, this pin can be programmed as a general purpose or a Request-to
-Send output, which can be asserted and negated under program control (see Detailed
Operation).
RTxDAKA/BN,
GPI1A/BN
44, 5
I
Channel A (B) Receiver/Transmitter DMA Acknowledge or General Purpose Input:
Active-Low. For half-duplex single address DMA operation, this input indicates to the
DUSCC that the DMA controller has acquired the bus and that the requested bus cycle
(read receiver FIFO or load transmitter FIFO) is beginning. For full-duplex single address
DMA operation, this input indicates to the DUSCC that the DMA controller has acquired
the bus and that the requested read receiver FIFO bus cycle is beginning. Because the
state of this input can be read under program control, it can be used as a general purpose
input when not in single address DMA mode.
TxDAKA/BN,
GP12A/BN
35, 14
I
Channel A (B) Transmitter DMA Acknowledge or General Purpose Input: Active-Low.
When the channel is programmed for full-duplex single address DMA operation, this input
is asserted to indicate to the DUSCC that the DMA controller has acquired the bus and
that the requested load transmitter FIFO bus cycle is beginning. Because the state of this
input can be read under program control, it can be used as a general purpose input when
not in full-duplex single address DMA mode.
DTCN
23
I
Device Transfer Complete: Active-Low. DTCN is asserted by the DMA controller to
indicate that the requested data transfer is complete.
DONEN
27
I/O
Done: Active-Low, open-drain. See Detailed Operation for a description of the function of
this pin.
RTSA/BN,
SYNOUTA/BN
41, 8
O
Channel A (B) Sync Detect or Request-to-Send: Active-Low. If programmed as a sync
output, it is asserted one bit time after the specified sync character (COP or BISYNC
modes) or a FLAG (BOP modes) is detected by the receiver. As a Request-to-Send
modem control signal, it functions as described previously for the TxDRQN/RTSN pin.
VDD
48
I
+5V + 10% power input.
GND
24
I
Signal and power ground input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com