Electronic Components Datasheet Search
  English  ▼

X  

SCN68562 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SCN68562
Description  Dual universal serial communications controller DUSCC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68562 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SCN68562 Datasheet HTML 5Page - NXP Semiconductors SCN68562 Datasheet HTML 6Page - NXP Semiconductors SCN68562 Datasheet HTML 7Page - NXP Semiconductors SCN68562 Datasheet HTML 8Page - NXP Semiconductors SCN68562 Datasheet HTML 9Page - NXP Semiconductors SCN68562 Datasheet HTML 10Page - NXP Semiconductors SCN68562 Datasheet HTML 11Page - NXP Semiconductors SCN68562 Datasheet HTML 12Page - NXP Semiconductors SCN68562 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product specification
SCN68562
Dual universal serial communications controller (DUSCC)
1995 May 01
9
NO.
UNIT
LIMITS
PARAMETER
FIGURE
NO.
UNIT
Max
Typ
Min
PARAMETER
FIGURE
42
16
CSN Low to transmit DMA REQ negated
400
nS
43
16
CSN Low to receive DONEN Low
300
nS
44
16
CSN Low to receive DMA REQ negated
400
nS
NOTES:
1. Parameters are valid over specified temperature range.
2. All voltage measurements are referenced to ground (GND). For DC and functional testing, all inputs except X1/CLK swing between 0.8V and
2.0V with a transition time of 20ns maximum. For X1/CLK, this swing is between 0.4V and 2.4V All time measurements are referenced at
input voltages of 0.4V and 2.4V for all inputs. Output levels are referenced at 1.2V and 2.0V, as appropriate.
3. Test conditions for outputs: CL = 150pF, except open-drain outputs. Test condition for open-drain outputs: CL = 50pF to GND, RL = 2.7kΩ to VCC
except DTACKN whose RL = 820Ω to VCC and CL = 150pF to GND and DONEN which requires CL = 50pF to GND and RL = 1kΩ to VCC.
4. This specification will impose maximum 68000 CPU CLK to 6MHz. Higher CPU CLK can be used if repeating bus cycles are not performed.
5. Execution of the valid command (after it is latched) requires three falling edges of X1 (see Figure 14).
6. In single address DMA mode write operation, data is latched by the falling edge of DTCN.
7. These values were not explicitly tested, they are guaranteed by design and characterization data.
8. These timings are from the falling edge of DTACKN (not CSN rising).
9. X1/CLK frequency must be at least four times the receiver serial data rate.
1
RESETN
SD00224
Figure 3. Reset Timing
A1–A6
R/WN
CSN
D0–D7
DTACKN
2
3
5
4
6
8
9
11
7
12
13
14
SD00225
Figure 4. Bus Timing (Read Cycle)
X1/CLK
DTACKN
COMMAND
VALID
SD00226
Figure 5. Command Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com