Electronic Components Datasheet Search
  English  ▼

X  

SCN68562 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCN68562
Description  Dual universal serial communications controller DUSCC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68562 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCN68562 Datasheet HTML 1Page - NXP Semiconductors SCN68562 Datasheet HTML 2Page - NXP Semiconductors SCN68562 Datasheet HTML 3Page - NXP Semiconductors SCN68562 Datasheet HTML 4Page - NXP Semiconductors SCN68562 Datasheet HTML 5Page - NXP Semiconductors SCN68562 Datasheet HTML 6Page - NXP Semiconductors SCN68562 Datasheet HTML 7Page - NXP Semiconductors SCN68562 Datasheet HTML 8Page - NXP Semiconductors SCN68562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Philips Semiconductors
Product specification
SCN68562
Dual universal serial communications controller (DUSCC)
2
1995 May 01
853-0831 15179
DESCRIPTION
The Philips Semiconductors SCN68562 Dual Universal Serial
Communications Controller (DUSCC) is a single-chip MOS-LSI
communications device that provides two independent,
multi-protocol, full-duplex receiver/transmitter channels in a single
package. It supports bit-oriented and character-oriented (byte count
and byte control) synchronous data link controls as well as
asynchronous protocols. The SCN68562 interfaces to the 68000
MPUs via asynchronous bus control signals and is capable of
program-polled, interrupt driven, block-move or DMA data transfers.
The operating mode and data format of each channel can be
programmed independently.
Each channel consists of a receiver, a transmitter, a 16-bit
multifunction counter/timer, a digital phase-locked loop (DPLL), a
parity/CRC generator and checker, and associated control circuits.
The two channels share a common bit rate generator (BRG),
operating directly from a crystal or an external clock, which provides
16 common bit rates simultaneously. The operating rate for the
receiver and transmitter of each channel can be independently
selected from the BRG, the DPLL, the counter/timer, or from an
external 1X or 16X clock, making the DUSCC well suited for
dual-speed channel applications. Data rates up to 4Mbits per
second are supported.
The transmitter and receiver each contain a four-deep FIFO with
appended transmitter command and receiver status bits and a shift
register. This permits reading and writing of up to four characters at
a time, minimizing the potential of receiver overrun or transmitter
underrun, and reducing interrupt or DMA overhead. In addition, a
flow control capability is provided to disable a remote transmitter
when the FIFO of the local receiving device is full.
Two modem control inputs (DCD and CTS) and three modem
control outputs are provided. These inputs and outputs can be
optionally programmed for other functions.
FEATURES
General Features
• Dual full-duplex synchronous/asynchronous receiver and
transmitter
• Multiprotocol operation
– BOP: HDLC/ADCCP, SDLC, SDLC loop, X.25 or X.75 link level,
etc.
– COP: BISYNC, DDCMP
– ASYNC: 5–8 bits plus optional parity
• Four character receiver and transmitter FIFOs
PIN CONFIGURATIONS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
21
22
23
24
IACKN
A3
A2
A1
RTxDAKBN/
IRQN
RESETN
RTSBN/
TRxCB
RTxCB
DCDBN/
TxDAKBN/
RTxDRQBN/
TxDRQBN/
CTSBN/LCBN
D7
D6
D5
D4
DTACKN
DTCN
GND
CSN
DONEN
D3
D2
D1
D0
CTSAN/LCAN
TxDRQAN/
RTxDRQAN/
TxDAKAN/
TxDA
DCDAN/
RTxCA
TRxCA
RTSAN/
X2/IDCN
X1/CLK
RTxDAKAN/
A6
A5
A4
VDD
N PACKAGE
GPI1BN
SYNOUTBN
SYNIBN
RxDB
TxDB
GPI2BN
GPO1BN
GPO2BN/RTSBN
R/WN
GPO2AN/RTSAN
GPO1AN
GPI2AN
Rxda
SYNIAN
SYNOUTAN
GPI1AN
DIP
Pin Function
Pin Function
1
IACKN
27 CSN
2
A3
28 R/WN
3
A2
29 DONEN
4A1
30 D3
5
RTxDAKBN/
31 D2
GPI1BN
32 D1
6
IRQN
33 D0
7NC
34 NC
8
RESETN
35 CTSAN/LCAN
9
RTSBN/
36 TxDRQAN/
SYNOUTBN
GPO2AN/RTSAN
10 TRxCB
37 RTxDRQAN/
11
RTxCB
GPO1AN
12 DCDBN/
38 TxDAKAN/
SYNIBN
GPI2AN
13 NC
39 TxDA
14 RxDB
40 RxDA
15 TxDB
41 NC
16 TxDAKBN/
42 DCDAN/
GPI2BN
SYNIAN
17 RTxDRQBN/
43 RTxCA
GPO1BN
44 TRxCA
18 TxDRQBN/
45 RTSAN/
GPO2BN/RTSBN
SYNOUTAN
19 CTSBN/LCBN
46 X2/IDCN
20 D7
47 X1/CLK
21 D6
48 RTxDAKAN/
22 D5
GPI1AN
23 D4
49 A6
24 DTACKN
50 A5
25 DTCN
51 A4
26 GND
52 VDD
1
46
20
33
47
34
21
8
PLCC
7
TOP VIEW
INDEX
CORNER
A PACKAGE
SD00222
Figure 1. Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com