Electronic Components Datasheet Search
  English  ▼

X  

MAX96752 Datasheet(PDF) 32 Page - Analog Devices

Part # MAX96752
Description  GMSL2 Deserializer with Dual LVDS (OLDI) Output
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96752 Datasheet(HTML) 32 Page - Analog Devices

Back Button MAX96752 Datasheet HTML 28Page - Analog Devices MAX96752 Datasheet HTML 29Page - Analog Devices MAX96752 Datasheet HTML 30Page - Analog Devices MAX96752 Datasheet HTML 31Page - Analog Devices MAX96752 Datasheet HTML 32Page - Analog Devices MAX96752 Datasheet HTML 33Page - Analog Devices MAX96752 Datasheet HTML 34Page - Analog Devices MAX96752 Datasheet HTML 35Page - Analog Devices MAX96752 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 159 page
background image
flexible way. Bandwidth allocation is dynamic so that if a certain channel is not active, it does not consume any link
bandwidth, and all the remaining active channels can share the full link bandwidth. Maximum packet size is limited to
prevent a single channel from utilizing the link bandwidth for an extended time. In most cases, available link bandwidth
exceeds the bandwidth requirement. Idle packets are used to fill in the unused link bandwidth.
The same data protocol is used on forward and reverse channels and for both video and control-channel data.
GMSL2 Physical Layer
Analog Devices' GMSL2 family of serial links have transmitter and receiver capability enabled simultaneously, allowing
full-duplex operation on a single wire. A single cable between the serializer and deserializer delivers data being
transmitted from each end of the link. Forward transmission is data being sent from the serializer to the deserializer.
Reverse transmission is data being sent from the deserializer to the serializer.
Forward rate options are fixed at 3Gbps or 6Gbps, with defaults of 6Gbps in Coax mode and 3Gbps in STP mode. The
reverse rate is fixed at 187.5Mbps.
Both forward and reverse rates are doubled in dual-link configuration, in which a serializer and paired deserializer are
connected using two links. Dual-link mode is not available in all GMSL2 device configurations.
Cabling Options
GMSL2 supports operation with either 50Ω Coaxial or 100Ω Shielded-Twisted Pair (STP) cabling.
Coax or STP operation is determined by the state of CXTP at power-up. Set CXTP high for Coax cable drive (single-
ended with default 6Gbps link rate). Set CXTP low for STP mode (differential with default 3Gbps link rate). See the Latch-
On-Power-Up Pins section.
In Coax mode, use only the noninverted SIO pin. AC-couple and terminate the inverting SIO pin using the series
connection of a 100nF capacitor and a 49.9Ω resistor. In STP configurations, both the noninverted and inverted SIO pins
are enabled by default.
Cable attenuation and return loss characteristics must stay within the requirements of the GMSL2 channel specification
to achieve robust full-duplex link performance. These requirements vary with selected link rate. The available link rates
and GMSL2 adaptive equalization enable support of a wide range of cabling options.
Maximum cable length is limited by the frequency-dependent attenuation of the cable. Additionally, PCB and in-line
connectors degrade the return loss characteristic of the cable assembly. The GMSL2 channel specification allows
two inline connectors and provides detailed requirements for cable attenuation and return loss, as well as insertion
loss and return loss requirements for PCB traces. In general, any physical channel implementation compliant with the
GMSL2 channel specification can be used with reliable results. Contact the factory for the GMSL2 channel specification
document.
A 100nF AC-coupling capacitor is normally used for GMSL2 links.
See Figure 15 and Figure 16 for typical GMSL2 serial link configurations.
Line Fault
GMSL2 serializers include a novel line-fault detection circuit. It detects and reports open-circuit, short-to-battery, short-
to-ground, and line-to-line short. The line-fault monitor requires external resistors REXT and RPD connected to the LMN
pins as shown in Figure 15 and Figure 16.
The line-fault monitor is enabled by default, and configuration options are available through registers. Its status can be
read by register. If unmasked, a line fault condition asserts ERRB. Line fault detection cannot be used in conjunction with
power over coax (POC).
The line-fault monitor pins offer flexible connection and programming. On parts with multiple GMSL2 links, either pair (i.e.,
LMN1A/LMN0A) can be used with either link (i.e., SIOA+/SIOA-). In addition, the pins within each pair can be assigned
to either polarity of the link.
MAX96752
GMSL2 Deserializer with Dual LVDS (OLDI)
Output
www.analog.com
Analog Devices | 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com