Electronic Components Datasheet Search
  English  ▼

X  

MAX96752 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX96752
Description  GMSL2 Deserializer with Dual LVDS (OLDI) Output
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96752 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX96752 Datasheet HTML 17Page - Analog Devices MAX96752 Datasheet HTML 18Page - Analog Devices MAX96752 Datasheet HTML 19Page - Analog Devices MAX96752 Datasheet HTML 20Page - Analog Devices MAX96752 Datasheet HTML 21Page - Analog Devices MAX96752 Datasheet HTML 22Page - Analog Devices MAX96752 Datasheet HTML 23Page - Analog Devices MAX96752 Datasheet HTML 24Page - Analog Devices MAX96752 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
PIN
NAME
FUNCTION MODE
FUNCTION
SIGNAL NAME
24
SD/ADD0
ADD0
SD*
GPO11
ADD0: Address Selection Input with an Internal 1MΩ Pulldown to
Ground. Latched on power-up.
SD: I2S/TDM Serial Data Push-Pull Output. Supports forward-
channel audio from the serializer to the deserializer.
GPO11: Configurable General-Purpose Output
25
SCK/ADD1
ADD1
SCK*
GPO12
ADD1: Address Selection Input with an Internal 1MΩ Pulldown to
Ground. Latched on power-up.
SCK: I2S/TDM Serial Clock Push-Pull Output. Supports forward-
channel audio from the serializer to the deserializer.
GPO12: Configurable General-Purpose Output
26
WS/ADD2
ADD2
WS*
GPO13
ADD2: Address Selection Input with an Internal 1MΩ Pulldown to
Ground. Latched on power-up.
WS: I2S/TDM Word Select Push-Pull Output. Supports forward-
channel audio from the serializer to the deserializer.
GPO13: Configurable General-Purpose Output
8
SDA_RX
SDA_RX*
GPIO14
SDA_RX: I2C Serial-Data Input/Output or UART Receive. Internal
40kΩ pullup to VDDIO. SDA: I2C serial data input/open-drain output.
RX: UART input.
GPIO14: Configurable General-Purpose Input or Open-Drain
Output. Function available only if the MAX96752 is programmed
over the GMSL2 link and not locally. Internal 40kΩ pullup to VDDIO.
9
SCL_TX
SCL_TX*
GPIO15
SCL_TX: I2C Serial-Clock Input/Output or UART Transmit. Internal
40kΩ pullup to VDDIO. SCL: I2C clock input/open-drain output. TX:
UART open-drain output.
GPIO15: Configurable General-Purpose Input or Open-Drain
Output. Function available only if the MAX96752 is programmed
over the GMSL2 link and not locally. Internal 40kΩ pullup to VDDIO.
13
LOCK
LOCK
Open-Drain Lock Indication Output with an Internal 40kΩ Pullup to
VDDIO.
14
ERRB
ERRB
Open-Drain Error Indication Output with an Internal 40kΩ Pullup to
VDDIO. When ERRB is low, this indicates a data error or interrupt is
detected. ERRB is high when PWDNB is low.
23
PWDNB
PWDNB
Active-Low, Power-Down Input with an Internal 1MΩ Pulldown to
Ground. Set PWDNB low to enter Power-down mode.
MISCELLANEOUS—SEE Table 3
15
X1/OSC
X1/OSC
Crystal/Oscillator Input. Connect to either a 25MHz crystal or
25MHz external clock source.
16
X2
X2
Crystal Input. Connect to one terminal of a 25MHz crystal and
connect a load capacitor from X1/OSC to ground (load capacitor
value depends on crystal used).
18
XRES
XRES
Used to calibrate SIO output driver swings. Connect an external
402Ω ±1% resistor between XRES and ground.
7, 17
RSVD
RSVD
Reserved. Make no electrical connection to this pin.
MAX96752
GMSL2 Deserializer with Dual LVDS (OLDI)
Output
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com