Electronic Components Datasheet Search
  English  ▼

X  

MAX96752 Datasheet(PDF) 86 Page - Analog Devices

Part # MAX96752
Description  GMSL2 Deserializer with Dual LVDS (OLDI) Output
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96752 Datasheet(HTML) 86 Page - Analog Devices

Back Button MAX96752 Datasheet HTML 82Page - Analog Devices MAX96752 Datasheet HTML 83Page - Analog Devices MAX96752 Datasheet HTML 84Page - Analog Devices MAX96752 Datasheet HTML 85Page - Analog Devices MAX96752 Datasheet HTML 86Page - Analog Devices MAX96752 Datasheet HTML 87Page - Analog Devices MAX96752 Datasheet HTML 88Page - Analog Devices MAX96752 Datasheet HTML 89Page - Analog Devices MAX96752 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 159 page
background image
I2C_PT_1 (0x4D)
BIT
7
6
5
4
3
2
1
0
Field
MST_DBL_
PT
MST_BT_PT[2:0]
–
MST_TO_PT[2:0]
Reset
0x0
0x5
–
0x6
Access
Type
Write, Read
Write, Read
–
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
MST_DBL_P
T
7
Doubles the pass-through I2C-to-I2C main bit
rate (MST_BT)
0x0: Do not double the pass-through I2C-to-I2C
main bit rate
0x1: Double the pass-through I2C-to-I2C main bit
rate
MST_BT_PT
6:4
Pass-through I2C-to-I2C main bit rate setting
Configures the I2C bit rate used by the
internal I2C main (in the device on the remote
side from the external I2C main). Set
according to the I2C Speed mode shown in
the decode table.
Fast-mode Plus = 101 to 111
Fast-mode = 010 to 100
Standard mode = 000 to 001
0b00x: Standard mode
0b01x: Fast-mode
0b100: Fast-mode
0b101: Fast-mode Plus
0b11x: Fast-mode Plus
MST_TO_PT
2:0
Pass-through I2C-to-I2C main timeout setting
Internal GMSL2 I2C main times out after the
configured duration if it does not receive any
response while waiting for a packet from the
remote device.
I2C_PT_2 (0x4E)
BIT
7
6
5
4
3
2
1
0
Field
XOVER_EN
_2
I2C_TIMED
_OUT_2
REM_ACK_
ACKED_2
REM_ACK_
RECVED_2
XOVER_EN
_1
I2C_TIMED
_OUT_1
REM_ACK_
ACKED_1
REM_ACK_
RECVED_1
Reset
0x0
0x0
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Read
Clears All
Read Only
Read Only
Write, Read
Read
Clears All
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
XOVER_EN_
2
7
Connect pass-through I2C/UART Channel 2
to primary control channel on the remote side
0x0: Do not connect pass-through I2C/UART
Channel 2 to primary control channel
0x1: Connect pass-through I2C/UART Channel 2
to primary control channel
I2C_TIMED_
OUT_2
6
Indicates that, in pass-through I2C Channel 2,
internal I2C-to-I2C subordinate or main has
timed out while receiving packet from the
remote device
0x0: Timeout has not occurred
0x1: Timeout has occurred
REM_ACK_A
CKED_2
5
Indicates that, in pass-through I2C Channel 2,
inverse of the I2C acknowledge bit was
received from the remote side
0x0: I2C acknowledge bit received as 1
0x1: Inverse I2C acknowledge bit received as 0
MAX96752
GMSL2 Deserializer with Dual LVDS (OLDI)
Output
www.analog.com
Analog Devices | 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com