Electronic Components Datasheet Search
  English  ▼

X  

MAX96752 Datasheet(PDF) 92 Page - Analog Devices

Part # MAX96752
Description  GMSL2 Deserializer with Dual LVDS (OLDI) Output
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96752 Datasheet(HTML) 92 Page - Analog Devices

Back Button MAX96752 Datasheet HTML 88Page - Analog Devices MAX96752 Datasheet HTML 89Page - Analog Devices MAX96752 Datasheet HTML 90Page - Analog Devices MAX96752 Datasheet HTML 91Page - Analog Devices MAX96752 Datasheet HTML 92Page - Analog Devices MAX96752 Datasheet HTML 93Page - Analog Devices MAX96752 Datasheet HTML 94Page - Analog Devices MAX96752 Datasheet HTML 95Page - Analog Devices MAX96752 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 159 page
background image
BITFIELD
BITS
DESCRIPTION
DECODE
PRIO_CFG
1:0
Adjusts the priority used for this channel
0b00: Current channel priority is used
0b01: Increase current channel priority
0b10: Decrease current channel priority
0b11: Reset to channel PRIO_VAL[1:0] setting
VIDEO_RX0 (0x100)*
BIT
7
6
5
4
3
2
1
0
Field
LCRC_ERR
RSVD
RSVD
RSVD
RSVD
RSVD
LINE_CRC_
EN
RSVD
Reset
0x0
0b0
0b1
0b1
0b0
0b0
0b1
0x0
Access
Type
Read
Clears All
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
LCRC_ERR
7
Video Line CRC Error Flag. Read
LCRC_ERR_FLAG register at 0x1F to clear.
0b0: No video line CRC detected
0b1: Video line CRC detected
LINE_CRC_
EN
1
Video Line CRC enable
0b0: Video line CRC disabled
0b1: Video line CRC enabled
VIDEO_RX3 (0x103)*
BIT
7
6
5
4
3
2
1
0
Field
RSVD
HD_TR_MO
DE
DLOCKED
VLOCKED
HLOCKED
DTRACKEN VTRACKEN HTRACKEN
Reset
0b0
0b1
0b0
0b0
0b0
0b0
0b0
0b0
Access
Type
Write, Read
Read Only
Read Only
Read Only
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
HD_TR_MO
DE
6
HS, DE Tracking enable full periodic pattern
0b0: Allow only partial periodic HS, DE
0b1: Allow partial periodic and full periodic HS, DE
DLOCKED
5
DE Tracking Locked
0b0: DE tracking not locked
0b1: DE tracking locked
VLOCKED
4
VS Tracking Locked
0b0: VS tracking not locked
0b1: VS tracking locked
HLOCKED
3
HS Tracking Locked
0b0: HS tracking not locked
0b1: HS tracking locked
DTRACKEN
2
DE Tracking Enable (disabled if FSYNC = 1)
The system observes DE pulses and can
compensate for a limited number of missing
pulses or suppress glitches when it locks on
the pattern.
0b0: DE tracking disabled
0b1: DE tracking enabled
VTRACKEN
1
VS Tracking Enable (disabled if FSYNC = 1)
The system observes VS pulses and can
compensate for a limited number of missing
pulses or suppress glitches when it locks on
the pattern.
0b0: VS tracking disabled
0b1: VS tracking enabled
MAX96752
GMSL2 Deserializer with Dual LVDS (OLDI)
Output
www.analog.com
Analog Devices | 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com