Electronic Components Datasheet Search
  English  ▼

X  

MAX96752 Datasheet(PDF) 72 Page - Analog Devices

Part # MAX96752
Description  GMSL2 Deserializer with Dual LVDS (OLDI) Output
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX96752 Datasheet(HTML) 72 Page - Analog Devices

Back Button MAX96752 Datasheet HTML 68Page - Analog Devices MAX96752 Datasheet HTML 69Page - Analog Devices MAX96752 Datasheet HTML 70Page - Analog Devices MAX96752 Datasheet HTML 71Page - Analog Devices MAX96752 Datasheet HTML 72Page - Analog Devices MAX96752 Datasheet HTML 73Page - Analog Devices MAX96752 Datasheet HTML 74Page - Analog Devices MAX96752 Datasheet HTML 75Page - Analog Devices MAX96752 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 159 page
background image
BITFIELD
BITS
DESCRIPTION
DECODE
AUTO_ERR_
RST_EN
3
Automatically resets DEC_ERR_A (0x22),
DEC_ERR_B (0x23), and IDLE_ERR (0x24)
registers after ERRB pin is asserted for 1µs
0b0: Auto-reset disabled
0b1: Auto-reset enabled
DEC_ERR_T
HR
2:0
Decoding and Idle-Error Reporting Threshold
DEC_ERR_FLAG_A (0x1B) is asserted when
DEC_ERR_A (0x22) ≥ DEC_ERR_THR
DEC_ERR_FLAG_B (0x1B) is asserted when
DEC_ERR_B (0x23) ≥ DEC_ERR_THR
IDLE_ERR_FLAG is asserted when
IDLE_ERR (0x24) ≥ DEC_ERR_THR
0b000: 1 error
0b001: 2 errors
0b010: 4 errors
0b011: 8 errors
0b100: 16 errors
0b101: 32 errors
0b110: 64 errors
0b111: 128 errors
INTR1 (0x19)*
BIT
7
6
5
4
3
2
1
0
Field
PKT_CNT_EXP[3:0]
AUTO_CNT
_RST_EN
PKT_CNT_THR[2:0]
Reset
0x0
0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
PKT_CNT_E
XP
7:4
Packet Count Multiplier Exponent
See the description of PKT_CNT register.
0bXXX: PKT_CNT exponent
AUTO_CNT_
RST_EN
3
Automatically resets PKT_CNT (register
0x25) after ERRB pin is asserted for 1µs
0b0: Auto-reset disabled
0b1: Auto-reset enabled
PKT_CNT_T
HR
2:0
Packet Count Reporting Threshold (see
PKT_CNT (0x25) description)
PKT_CNT_FLAG (0x1D) is asserted when
PKT_CNT ≥ PKT_CNT_THR.
0b000: 1
0b001: 2
0b010: 4
0b011: 8
0b100: 16
0b101: 32
0b110: 64
0b111: 128
INTR2 (0x1A)*
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
REM_ERR_
OEN
RSVD
RSVD
IDLE_ERR_
OEN
DEC_ERR_
OEN_B
DEC_ERR_
OEN_A
Reset
0
0
0
0x0
0x0
0
1
1
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
REM_ERR_
OEN
5
Enables reporting of remote-error status
(REM_ERR) at ERRB pin
0b0: Reporting disabled
0b1: Reporting enabled
IDLE_ERR_
OEN
2
Enables reporting of idle word errors
(IDLE_ERR_FLAG - 0x1B) at ERRB pin
0b0: Reporting disabled
0b1: Reporting enabled
MAX96752
GMSL2 Deserializer with Dual LVDS (OLDI)
Output
www.analog.com
Analog Devices | 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com