Electronic Components Datasheet Search
  English  ▼

X  

SZF2002 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 51Page - NXP Semiconductors SZF2002 Datasheet HTML 52Page - NXP Semiconductors SZF2002 Datasheet HTML 53Page - NXP Semiconductors SZF2002 Datasheet HTML 54Page - NXP Semiconductors SZF2002 Datasheet HTML 55Page - NXP Semiconductors SZF2002 Datasheet HTML 56Page - NXP Semiconductors SZF2002 Datasheet HTML 57Page - NXP Semiconductors SZF2002 Datasheet HTML 58Page - NXP Semiconductors SZF2002 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
1998 Aug 26
55
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
22 DEBUGGING SUPPORT
For software development the SZF2002 is made
compatible with the Nohau 80C51 In-Circuit Emulator
(ICE).
22.1
Recommended equipment
1. Nohau EMUL51-PC/EA768-BSW-42 42 MHz,
768-kbyte emulator memory board.
2. Nohau EMUL51-PC/ATR64-33, 33 MHz, 64-kbyte
advanced trace memory board.
3. Nohau EMUL51-PC/POD-C32HF-42, external
memory mode pod for a.o. 80C51/80C32.
22.2
Connecting the pod
The Nohau In-Circuit Emulator requires the following
80C51 pins: P0.0 to P0.7, P2.0 to P2.7, ALE, PSEN, RD,
WR, EA and RST.
When setting the SZF2002 in Debug mode (force DEBUG
HIGH), these signals become available on the pins as
described in Section 7.2
The connection between the SZF2002 and the emulator is
shown in Fig.27.
For emulation the Target board must be configured with
the SZF2002 mounted, but without external Flash and
RAM, or disabled by disconnecting the OE.
On the Target board a 40-pin connector is required that
has all the necessary 80C51 signals (Port 0, Port 2,
PSEN, ALE, EA, RST, VDD and VSS). The 16 port pins are
optional. The three banking bits are not standard 80C51
signals and are not available at the DIL40
80C51-connector of the pod. These three bits must be
connected via three separate wires to the signals BS0
(LSB), BS1 and BS2 (MSB) on the pod.
The emulator pod has a DIL40 socket for the 80C51
processor (on the upper side). By connecting the 40-pin
connector to this socket the emulator will approach the
SZF2002 as if it were a 80C51. The connector on the lower
side of the pod is not used. The emulator acts as a memory
emulator.
22.3
Powering the pod
Because the SZF2002 is a 3 V circuit, the ICE pod must be
powered by the target (supply from PC is not possible, see
documentation for EMUL51-PC/POD-C32HF-42).
Therefore, VDD and VSS for the SZF2002 are also required.
The clock signal is not required on the pod.
The digital power VDD has to be connected to the pod.
The ground of the pod must be connected to the ground of
the target board via the black gnd-wire soldered to the pod
Because the target supplies the pod the following
power-up/power-down sequence is required:
1. Switch on target.
2. Switch on PC.
3. Switch off target.
When using 3 V power from the target, note that the pod
will drive the inputs up to 3.5 V. Some current will also flow
through the VDD connection to the target. If the emulator is
used together with an I2C-bus interface to a PC or together
with an RS232-connection, use 3.3 V power for the target.
This will reduce noise and disturbance on all input and
output signals. In practice, it is seen that this will result in a
more robust communication between the SZF2002 and
Nohau.
Both I2C-bus pins (SDA and SCL) need an external pull-up
resistor.
22.4
Bank switching support
If bank switching is required, the in-circuit emulator also
needs the TRUE_A15 and the three banking bits
A15 to A17.
16 port pins (selection of Ports 3 and 4) can also be
connected to the emulator pod, however this is not
necessary. When connected, the state of these ports can
be traced.
To set up the banking configuration the BM jumpers on the
emulator board have to be set. The following set-up is
recommended:
1. Jumper BM3 is out.
2. Jumper BM2 is out.
3. Jumper BM1is don’t care.
4. Jumper BM0 is in.
22.5
Software recommendations
The Keil/Franklin assembler and banked linker is well
suited for use with the Nohau ICE (especially for banking
configurations).
The Nohau ICE communicates with the SZF2002 using
MOVX instructions. Therefore, all MOVX instructions must
be forced to access off-chip memory instead of internal
AUX RAM by setting the ARD bit of the SFR PCON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com