Electronic Components Datasheet Search
  English  ▼

X  

SZF2002 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 6Page - NXP Semiconductors SZF2002 Datasheet HTML 7Page - NXP Semiconductors SZF2002 Datasheet HTML 8Page - NXP Semiconductors SZF2002 Datasheet HTML 9Page - NXP Semiconductors SZF2002 Datasheet HTML 10Page - NXP Semiconductors SZF2002 Datasheet HTML 11Page - NXP Semiconductors SZF2002 Datasheet HTML 12Page - NXP Semiconductors SZF2002 Datasheet HTML 13Page - NXP Semiconductors SZF2002 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
1998 Aug 26
10
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
8
FUNCTIONAL DESCRIPTION
Detailed descriptions of each function are described in:
Chapter 9 “Memory organization”
Chapter 10 “Program Status Word (PSW)”
Chapter 11 “I/O facilities”
Chapter 12 “Timer/event counters”
Chapter 13 “Pulse Width Modulated output”
Chapter 14 “Analog-to-digital converter (ADC)”
Chapter 15 “Reduced power modes”
Chapter 16 “I2C-bus serial I/O”
Chapter 17 “Standard serial interface SIO0: UART”
Chapter 18 “Interrupt system”
Chapter 19 “Clock circuitry”
Chapter 20 “Reset”
Chapter 21 “Special Function Registers overview”
Chapter 22 “Debugging support”.
8.1
General
The SZF2002 is a stand-alone high-performance CMOS
microcontroller designed for use in real-time applications
such as wireless telephone and mobile communications,
instrumentation, industrial control, intelligent computer
peripherals and consumer products.
The device provides hardware features, architectural
enhancements and new instructions to function as a
controller for applications requiring up to 256 kbytes of
program memory and/or up to 6144 + 256 bytes of on-chip
data memory.
The SZF2002 contains a 6-kbyte program memory; a
static 6144 + 256 byte data memory (RAM); 24 I/O lines;
three 16-bit timer/event counters; a fifteen-source two
priority-level, nested interrupt structure, a 6-channel 8-bit
ADC, a Watchdog Timer and a Pulse Width Modulation
output.
Two serial interfaces are provided on-chip:
• A standard UART serial interface
• A standard I2C-bus serial interface with a transfer speed
of up to 400 kbits/s (depending on clock frequency).
The I2C-bus serial interface has byte oriented master
and slave functions allowing communication with the
whole family of I2C-bus compatible devices.
The device has two software selectable modes of reduced
activity for power reduction:
• Idle mode: freezes the CPU while allowing the
derivative functions (timers, serial I/O, RAM,
ADC and PWM) and interrupt system to continue
functioning
• Power-down mode: saves the RAM contents but stops
the clock causing all other chip functions to be
inoperative.
8.2
CPU timing
A machine cycle consists of a sequence of 6 states. Each
state lasts one clock period, thus a machine cycle takes
6 clock periods or 1
µs if the clock frequency (f
clk) is
6 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com