Electronic Components Datasheet Search
  English  ▼

X  

SZF2002 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 11Page - NXP Semiconductors SZF2002 Datasheet HTML 12Page - NXP Semiconductors SZF2002 Datasheet HTML 13Page - NXP Semiconductors SZF2002 Datasheet HTML 14Page - NXP Semiconductors SZF2002 Datasheet HTML 15Page - NXP Semiconductors SZF2002 Datasheet HTML 16Page - NXP Semiconductors SZF2002 Datasheet HTML 17Page - NXP Semiconductors SZF2002 Datasheet HTML 18Page - NXP Semiconductors SZF2002 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
1998 Aug 26
15
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Fig.7 Special Function Register memory map (continued from Fig.6).
MGM185
BE
BD
BC
BB
BA
B9
B8
B6
B7
B5
B4
B3
B2
B1
B0
AE
AF
AD
AC
AB
AA
A9
A8
A6
A7
A5
A4
A3
A2
A1
A0
9E
9F
9D
9C
9B
9A
99
98
96
97
95
94
93
92
91
90
8E
8F
8D
8C
8B
8A
89
88
86
87
85
84
83
82
81
80
BIT ADDRESS
REGISTER
MNEMONIC
DIRECT
BYTE
ADDRESS
B8H
B0H
AFH
AEH
ADH
ACH
ABH
AAH
A8H
A0H
99H
9AH
98H
90H
91H
8DH
8CH
8BH
8AH
89H
88H
87H
83H
82H
81H
80H
SFRs containing
directly addressable
bits
IP0
P3
P2
(used as
address bus)
(used as
address bus)
S0BUF
S0CON
ROMBANK
P1
TH1
TH0
TL1
TL0
TMOD
PCON
DPH
DPL
SP
P0
IEN0
TCON
A9H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com