Electronic Components Datasheet Search
  English  ▼

X  

SZF2002 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 8Page - NXP Semiconductors SZF2002 Datasheet HTML 9Page - NXP Semiconductors SZF2002 Datasheet HTML 10Page - NXP Semiconductors SZF2002 Datasheet HTML 11Page - NXP Semiconductors SZF2002 Datasheet HTML 12Page - NXP Semiconductors SZF2002 Datasheet HTML 13Page - NXP Semiconductors SZF2002 Datasheet HTML 14Page - NXP Semiconductors SZF2002 Datasheet HTML 15Page - NXP Semiconductors SZF2002 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
1998 Aug 26
12
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Table 2
Memory spaces; note 1
Notes
1. Execution from internal memory is only possible when EA = 1 during reset.
2. Page select is used to access all 8 banks in the 256-kbyte address space.
MEMORY SPACE
ADDRESS MODE
USED SIGNAL
Internal RAM 00H to 7FH
direct and indirect
−
Internal RAM 80H to FFH
indirect
−
SFRs 80H to FFH
direct
−
Internal AUX RAM (on-chip) 0000H to 17FFH
MOVX
−
External RAM (off-chip) 1800H to 7FFFH
MOVX
RAMCE, OE and WE
External ROM (off-chip) 0000H to FFFFH; note 2
program execution
CE, OE
Internal AUX RAM (on-chip) 2000H to 37FFH
program execution
−
External Flash ROM write (off-chip) 8000H to FFFFH; note 2
MOVX
CE, OE and WE
Fig.4 Memory map.
(1) Accessible via indirect addressing only.
(2) Accessible via direct and indirect addressing.
(3) Accessible via direct addressing.
(4) Gaps in the address map are undefined, and should not be used.
handbook, full pagewidth
MGM183
EXTERNAL
FLASH ROM
(BANKED)
FFFFH
8000H
EXTERNAL
ROM
BANK 0
7FFFH
0000H
EXTERNAL
RAM
INTERNAL
AUX RAM
(MOVX)
7FFFH
0000H
1800H
17FFH
INTERNAL
AUX RAM
6-KBYTE
INTERNAL
ROM
EA = 1(4)
37FFH
0000H
2000H
17FFH
EXTERNAL
FLASH ROM
(BANKED)
FFFFH
8000H
overlapped space
INTERNAL
RAM
00H
FFH
80H
SPECIAL
FUNCTION
REGISTERS
EA = 0
(1)
(2)
(3)
INTERNAL MEMORY
DATA MEMORY
PROGRAM MEMORY
,,,
,,,
,,,
,,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com