Electronic Components Datasheet Search
  English  ▼

X  

SZF2002 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 59Page - NXP Semiconductors SZF2002 Datasheet HTML 60Page - NXP Semiconductors SZF2002 Datasheet HTML 61Page - NXP Semiconductors SZF2002 Datasheet HTML 62Page - NXP Semiconductors SZF2002 Datasheet HTML 63Page - NXP Semiconductors SZF2002 Datasheet HTML 64Page - NXP Semiconductors SZF2002 Datasheet HTML 65Page - NXP Semiconductors SZF2002 Datasheet HTML 66Page - NXP Semiconductors SZF2002 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
1998 Aug 26
63
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
24 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
25 DC CHARACTERISTICS
VDD = 2.7 to 3.3 V; VSS = 0 V; Tamb = −40 to +85 °C; see note 1; all voltages are with respect to VSS; unless otherwise
specified.
Notes to the DC characteristics
1. Loading ports and busses may cause spurious noise pulses to be superimposed on the output voltage.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+5
V
VI
input voltage on any pin with respect to ground (VSS)
−0.5
VDD + 0.5
V
II and IO
DC current on any input or output
−
tbf
mA
Ptot
total power dissipation
−
500
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tj
operating junction temperature
−40
+125
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
operating supply voltage
2.7
−
3.3
V
IDD
operating supply current
VDD = 3.0 V; fCLK = 8 MHz; note 2
−−
9mA
VDD = 3.0 V; fCLK = 3.58 MHz;
note 2
−−
2.5
mA
IDD(idle)
Idle mode supply current
VDD = 3.0 V; fCLK = 8 MHz; note 3
−−
5.0
mA
VDD = 3.0 V; fCLK = 3.58 MHz;
note 3
−−
1.5
mA
IDD(pd)
Power-down mode current
VDD = 3.0 V; Tamb =25 °C; note 4
−−
10
µA
Inputs (note 5)
VIL
LOW-level input voltage
VSS
−
0.2VDD
V
VIH
HIGH-level input voltage
0.8VDD
−
VDD
V
ILI
input leakage current
VSS <Vi <VDD; VDD = 3.0 V;
Tamb =25 °C
−1
−
+1
µA
IIL
input pull-up current
Input = HIGH
−−
tbf
µA
Outputs
VOL
LOW-level output voltage
−−
0.4
V
VOH
HIGH-level output voltage
VDD − 0.4 −−
V
IOL
LOW-level output current
4.0
−−
mA
IOH
HIGH-level output current
−4.0
−−
mA
RRST
RST pull-down resistor
120
160
250
k
Ω
Analog inputs
VDDA
analog supply voltage
VDD − 0.5 −
VDD + 0.5 V
IDDA
supply current operating
VDDA = 3.0 V; fCLK = 8 MHz; note 2
−−
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com