Electronic Components Datasheet Search
  English  ▼

X  

SZF2002 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 62Page - NXP Semiconductors SZF2002 Datasheet HTML 63Page - NXP Semiconductors SZF2002 Datasheet HTML 64Page - NXP Semiconductors SZF2002 Datasheet HTML 65Page - NXP Semiconductors SZF2002 Datasheet HTML 66Page - NXP Semiconductors SZF2002 Datasheet HTML 67Page - NXP Semiconductors SZF2002 Datasheet HTML 68Page - NXP Semiconductors SZF2002 Datasheet HTML 69Page - NXP Semiconductors SZF2002 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
1998 Aug 26
66
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
27 AC CHARACTERISTICS
Table 56 Timing with respect to CE, OE and WE
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNIT
General (see Fig.29)
tXCLKH
XCLK HIGH time
31.25
−−
ns
tXCLKL
XCLK LOW time
31.25
−−
ns
Tcy(XCLK)
XCLK cycle time
62.5
−−
ns
Memory Access (Figs 29 and 30)
t(CEL-OEL)1
CE LOW to OE LOW (data cycle)
−−
1
⁄2tCLK +3
ns
t(OEL)1
OE LOW time (data cycle)
−−
7
⁄2tCLK +7
ns
t(CEH-OEH)1
CE HIGH to OE HIGH (data cycle)
0
−
12
ns
t(CEL)1
CE LOW time (data cycle)
−−
4tCLK
ns
t(CEL-WEL)1
CE LOW to WE LOW (data cycle)
−−
1
⁄2tCLK +5
ns
t(WEL)1
WE LOW time (data cycle)
−−
7
⁄2tCLK +8
ns
t(CEH-WEH)1
CE HIGH to WE HIGH (data cycle)
0
−
13
ns
tsu(OE-D)2
Data set-up time from OE (data read cycle)
−−
3tCLK − 18
ns
tsu(CEL-D)2
Data set-up time from CE LOW (data read cycle)
−−
7
⁄2tCLK − 18 ns
tsu(D-WEL)3
Data set-up time to WE LOW (data write cycle)
−−
1
⁄2tCLK − 3ns
t(CEL-DV)3
Data valid time from CE LOW (data write cycle)
−−
3ns
tsu(D-SM)2
Data set-up time to sample moment (data read cycle); note 1
−−
8ns
th(SM-D)2
Data hold time from sample moment (data read cycle); note 1
0
−−
ns
th(WEH-D)3
Data hold time from WE HIGH (data write cycle)
−−
tCLK − 20
ns
th(CEH-D)3
Data hold time from CE HIGH (data write cycle)
−−
tCLK − 10
ns
tsu(A-CEL)1
Address set-up time to CE LOW (data cycle)
−−
1
⁄2tCLK − 5ns
th(CEH-A)1
Address hold time from CE HIGH (data cycle)
−−
tCLK
ns
t(CEL-OEL)4
CE LOW to OE LOW (code fetch cycle)
−−
1
⁄2tCLK
ns
t(OEL)4
OE LOW time (code fetch cycle)
−−
3
⁄2tCLK
ns
t(CEH-OEH)4
CE HIGH to OE HIGH (code fetch cycle)
0
−
2ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com