Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5674 Datasheet HTML 4Page - Analog Devices AD5674 Datasheet HTML 5Page - Analog Devices AD5674 Datasheet HTML 6Page - Analog Devices AD5674 Datasheet HTML 7Page - Analog Devices AD5674 Datasheet HTML 8Page - Analog Devices AD5674 Datasheet HTML 9Page - Analog Devices AD5674 Datasheet HTML 10Page - Analog Devices AD5674 Datasheet HTML 11Page - Analog Devices AD5674 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
AD5673R/AD5677R
Data Sheet
Rev. 0 | Page 8 of 31
TIMING CHARACTERISTICS
VDD = 2.7 V to 5.5 V, 1.62 V ≤ VLOGIC ≤ 5.5 V, all specifications are TJ = −40°C to +125°C, unless otherwise noted. See Figure 2 and Figure 3.
Table 5.
Parameter1
Min
Typ
Max
Unit
Description
t1
2.5
µs
SCL cycle time
t2
0.6
µs
SCL high time
t3
1.3
µs
SCL low time
t4
0.6
µs
Start or repeated start hold time
t5
100
ns
Data setup time
t62
0
0.9
µs
Data hold time
t7
0.6
µs
Repeated start setup time
t8
0.6
µs
Stop condition setup time
t9
1.3
µs
Bus free time between a stop condition and a start condition
t103
20 + 0.1CB
300
ns
Rise time of SCL and SDA when receiving
t113, 4
20 + 0.1CB
300
ns
Fall time of SCL and SDA when transmitting or receiving
t12
20
ns
LDAC pulse width
t13
400
ns
SCL rising edge to LDAC rising edge
t14
8
ns
RESET minimum pulse width low, 1.62 V ≤ VLOGIC ≤ 2.7 V
10
ns
RESET minimum pulse width low, 2.7 V ≤ VLOGIC ≤ 5.5 V
t15
115
ns
RESET activation time, 1.62 V ≤ VLOGIC ≤ 2.7 V
115
ns
RESET activation time, 2.7 V ≤ VLOGIC ≤ 5.5 V
tSP5
0
50
ns
Pulse width of suppressed spike
CB4
400
pF
Capacitive load for each bus line
Update Rate
400
kHz
Fast mode
100
kHz
Standard mode
1
See Figure 2.
2
A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the minimum VIH of the SCL signal) to bridge the undefined region of the
SCL falling edge.
3
t10 (rise time) and t11 (fall time) are measured from 0.3 × VDD to 0.7 × VDD.
4
CB is the total capacitance of one bus line in pF.
5
Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns. Not shown in Figure 2 or Figure 3.
Timing Diagrams
SCL
SDA
t1
t3
LDAC1
LDAC2
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
NOTES
1ASYNCHRONOUS LDAC UPDATE MODE.
2SYNCHRONOUS LDAC UPDATE MODE.
t4
t6
t5
t7
t8
t2
t13
t4
t11
t10
t12
t12
t9
Figure 2. 2-Wire Serial Interface Timing Diagram
RESET
VOUTx
t14
t15
Figure 3. RESET Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com