Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5674 Datasheet HTML 6Page - Analog Devices AD5674 Datasheet HTML 7Page - Analog Devices AD5674 Datasheet HTML 8Page - Analog Devices AD5674 Datasheet HTML 9Page - Analog Devices AD5674 Datasheet HTML 10Page - Analog Devices AD5674 Datasheet HTML 11Page - Analog Devices AD5674 Datasheet HTML 12Page - Analog Devices AD5674 Datasheet HTML 13Page - Analog Devices AD5674 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AD5673R/AD5677R
Data Sheet
Rev. 0 | Page 10 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VOUT0
2
VDD
3
SCL
4
A0
5
A1
6
GAIN
7
VOUT7
17 LDAC
18 VLOGIC
19 SDA
20 RESET
21 VREF
16 GND
15 GND
TOP VIEW
(Not to Scale)
AD5673R/AD5677R
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE
TIED TO GND.
Figure 4. Pin Configuration Diagram
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT0
Analog Output Voltage from DAC 0. The output amplifier has rail-to-rail operation.
2
VDD
Power Supply Input. These devices operate from 2.7 V to 5.5 V. Decouple the VDD supply with a 10 µF capacitor in
parallel with a 0.1 µF capacitor to GND.
3
SCL
Serial Clock Line. In conjunction with the SDA line, the SCL pin clocks data into or out of the 24-bit input shift
register.
4
A0
Address Input. Sets the first LSB of the 7-bit slave address.
5
A1
Address Input. Sets the second LSB of the 7-bit slave address.
6
GAIN
Span Set. When the GAIN pin is tied to GND, all 16 DAC outputs have a span from 0 V to VREF. If the GAIN pin is tied
to VLOGIC, all 16 DACs output a span of 0 V to 2 × VREF.
7
VOUT7
Analog Output Voltage from DAC 7. The output amplifier has rail-to-rail operation.
8
VOUT6
Analog Output Voltage from DAC 6. The output amplifier has rail-to-rail operation.
9
VOUT5
Analog Output Voltage from DAC 5. The output amplifier has rail-to-rail operation.
10
VOUT4
Analog Output Voltage from DAC 4. The output amplifier has rail-to-rail operation.
11
VOUT15
Analog Output Voltage from DAC 15. The output amplifier has rail-to-rail operation.
12
VOUT14
Analog Output Voltage from DAC 14. The output amplifier has rail-to-rail operation.
13
VOUT13
Analog Output Voltage from DAC 13. The output amplifier has rail-to-rail operation.
14
VOUT12
Analog Output Voltage from DAC 12. The output amplifier has rail-to-rail operation.
15, 16
GND
Ground Reference Point for All Circuitry on the Device.
17
LDAC
Load DAC. LDAC operates in two modes, asynchronously and synchronously. Pulsing Pin 17 low updates any or all
DAC registers when the input registers have new data, which simultaneously updates all DAC outputs. Pin 17 can also
be tied permanently low.
18
VLOGIC
Digital Power Supply. The voltage on Pin 18 is specified in Table 2 and Table 3 within the power requirements
parameter section.
19
SDA
Serial Data Input. In conjunction with the SCL line, Pin 19 clocks data into or out of the 24-bit input shift register.
SDA is a bidirectional, open-drain data line that must be pulled to the supply with an external pull-up resistor.
20
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC pulses are ignored.
When RESET is activated, the input register and the DAC register are updated with zero scale or midscale, depending
on the model in use.
21
VREF
Reference Output Voltage. When using the internal reference, VREF is the reference output pin. Pin 21 is the
reference output by default.
22
VOUT11
Analog Output Voltage from DAC 11. The output amplifier has rail-to-rail operation.
23
VOUT10
Analog Output Voltage from DAC 10. The output amplifier has rail-to-rail operation.
24
VOUT9
Analog Output Voltage from DAC 9. The output amplifier has rail-to-rail operation.
25
VOUT8
Analog Output Voltage from DAC 8. The output amplifier has rail-to-rail operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com