Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5674 Datasheet HTML 8Page - Analog Devices AD5674 Datasheet HTML 9Page - Analog Devices AD5674 Datasheet HTML 10Page - Analog Devices AD5674 Datasheet HTML 11Page - Analog Devices AD5674 Datasheet HTML 12Page - Analog Devices AD5674 Datasheet HTML 13Page - Analog Devices AD5674 Datasheet HTML 14Page - Analog Devices AD5674 Datasheet HTML 15Page - Analog Devices AD5674 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
AD5673R/AD5677R
Data Sheet
Rev. 0 | Page 12 of 31
TYPICAL PERFORMANCE CHARACTERISTICS
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
10000
20000
30000
40000
50000
60000
70000
CODE
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 5. AD5677R INL Error vs. Code
0.20
0.15
0.10
0.05
0
–0.20
–0.15
–0.10
–0.05
0
500
1000
1500
2000
2500
3000
4500
4000
CODE
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 6. AD5673R INL Error vs. Code
CODE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
70000
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 7. AD5677R DNL Error vs. Code
0.10
0.08
0.06
0.04
0.02
0
–0.10
–0.08
–0.06
–0.04
–0.02
0
500
1000
1500
2000
2500
3000
4500
4000
CODE
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 8. AD5673R DNL Error vs. Code
CODE
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0
10000
20000
30000
40000
50000
60000
70000
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 9. AD5677R Total Unadjusted Error vs. Code
0.04
0.03
0
–0.02
0.02
–0.01
0.01
0
500
1000
1500
2000
2500
3000
4500
4000
CODE
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 10. AD5673R Total Unadjusted Error vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com