Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5674 Datasheet HTML 14Page - Analog Devices AD5674 Datasheet HTML 15Page - Analog Devices AD5674 Datasheet HTML 16Page - Analog Devices AD5674 Datasheet HTML 17Page - Analog Devices AD5674 Datasheet HTML 18Page - Analog Devices AD5674 Datasheet HTML 19Page - Analog Devices AD5674 Datasheet HTML 20Page - Analog Devices AD5674 Datasheet HTML 21Page - Analog Devices AD5674 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
AD5673R/AD5677R
Data Sheet
Rev. 0 | Page 18 of 31
TIME (Seconds)
–0.001
0
0.001
0.002
0.003
0.004
0.005
0.006
–1
0
1
2
3
4
5
6
0
0.002
0.004
0.006
0.008
0.010
VDD (V)
VOUT0 (V)
VOUT1 (V)
VOUT2 (V)
VOUT3 (V)
VOUT4 (V)
VOUT5 (V)
VOUT6 (V)
VOUT7 (V)
Figure 41. POR to 0 V Output
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
–5
0
5
10
TIME (µs)
MIDSCALE, GAIN = 2
MIDSCALE, GAIN = 1
9TH SCL
RISING EDGE
Figure 42. Exiting Power-Down to Midscale
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
22.5
22.7
22.9
23.1
23.3
23.5
23.7
23.9
24.1
24.3
24.5
TIME (µs)
VDD = 5V
GAIN = 1
TA = 25°C
INTERNAL REFERENCE
CODE = 0x7FFF to 0x8000
ENERGY = 0.636nV
WITH LOAD CH0
WITH LOAD CH8
Figure 43. Digital-to-Analog Glitch Impulse
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
22.5
22.7
22.9
23.1
23.3
23.5
23.7
23.9
24.1
24.3
24.5
TIME (µs)
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
CH 8
CH 9
CH 10
CH 11
CH 12
CH 13
CH 14
CH 15
ATTACK CHANNE L
VDD = 5V
GAIN = 1
TA = 25°C
INTERNAL REFERENCE
CODE = 0000 TO FFFF
Figure 44. Analog Crosstalk
–0.009
–0.004
0.001
0.006
0.011
21.5
21.7
21.9
22.1
22.3
22.5
22.7
22.9
23.1
23.3
23.5
TIME (µs)
VDD = 5V
GAIN = 1
TA = 25°C
INTERNAL REFERENCE
CODE = 0000 TO FFFF
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 8
CH 9
CH 10
CH 11
CH 12
CH 13
CH 14
CH 15
ATTACK CHANNE L
Figure 45. DAC to DAC Crosstalk
CH1 50.0mV
M1.00s
A CH1
401mV
2
1
Figure 46. 0.1 Hz to 10 Hz Output Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com