Electronic Components Datasheet Search
  English  ▼

X  

AD5674 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5674
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5674 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5674 Datasheet HTML 19Page - Analog Devices AD5674 Datasheet HTML 20Page - Analog Devices AD5674 Datasheet HTML 21Page - Analog Devices AD5674 Datasheet HTML 22Page - Analog Devices AD5674 Datasheet HTML 23Page - Analog Devices AD5674 Datasheet HTML 24Page - Analog Devices AD5674 Datasheet HTML 25Page - Analog Devices AD5674 Datasheet HTML 26Page - Analog Devices AD5674 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
AD5673R/AD5677R
Rev. 0 | Page 23 of 31
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER (DAC)
The AD5673R/AD5677R are 16-channel, 12-/16-bit, serial input,
voltage output DACs with an internal reference. The devices
operate from supply voltages of 2.7 V to 5.5 V. Data is written to the
AD5673R/AD5677R in a 24-bit word format via a 2-wire serial
interface. The AD5673R/AD5677R incorporate a power-on
reset circuit to ensure that the DAC output powers up to a
known output state. The devices also have a software power-
down mode that reduces the typical current consumption to 2 µA.
TRANSFER FUNCTION
The internal reference is on by default.
The gain of the output amplifier can be set to ×1 or ×2 using the
span set pin (GAIN). When the GAIN pin is tied to GND, all
16 DAC outputs have a span from 0 V to VREF. When the GAIN pin
is tied to VLOGIC, all 16 DACs output a span of 0 V to 2 × VREF.
DAC ARCHITECTURE
The AD5673R/AD5677R implement a segmented string DAC
architecture with an internal output buffer. Figure 55 shows the
internal block diagram.
INPUT
REGISTER
2.5V
REF
DAC
REGISTER
RESISTOR
STRING
REF (+)
REF (–)
VREF
VOUTx
GND
GAIN
(GAIN = 1 OR 2)
Figure 55. Single DAC Channel Architecture Block Diagram
The resistor string structure is shown in Figure 56.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF
Figure 56. Resistor String Structure
The code loaded to the DAC register determines the node on
the string where the voltage is tapped off and fed into the output
amplifier. The voltage is tapped off by closing one of the
switches and connecting the string to the amplifier. Because
each resistance in the string has the same value, R, the string
DAC is guaranteed monotonic.
Internal Reference
The AD5673R/AD5677R on-chip reference is enabled at power-up,
but the on-chip reference can be disabled via a write to the
control register. See the Internal Reference Setup section for
details.
The AD5673R/AD5677R have a 2.5 V, 2 ppm/°C reference, giving
a full-scale output of 2.5 V or 5 V, depending on the state of the
GAIN pin. The internal reference associated with the device is
available at the VREF pin. This buffered reference is capable of
driving external loads of up to 15 mA.
Output Amplifiers
The output buffer amplifier generates rail-to-rail voltages on its
output, which gives an output range of 0 V to VDD. The actual
range depends on the value of the voltage reference level (VREF)
the GAIN pin, the offset error, and the gain error.
The output amplifiers can drive a load of 1 kΩ in parallel with
10 nF to GND. The slew rate is 0.8 V/µs with a typical ¼ to ¾
scale settling time of 6 µs.
SERIAL INTERFACE
The AD5673R/AD5677R use a 2-wire, I2C-compatible serial
interface. These devices can be connected to an I2C bus as a
slave device under the control of the master devices. The
AD5673R/AD5677R support standard (100 kHz) and fast
(400 kHz) data transfer modes. Support is not provided for
10-bit addressing and general call addressing.
Input Shift Register
The input shift register of the AD5673R/AD5677R is 24 bits wide.
Data is loaded MSB first (DB23), and the first four bits are the
command bits, C3 to C0 (see Table 9), followed by the 4-bit
DAC address bits, A3 to A0 (see Table 10), and finally, the
16-bit data-word.
The data-word comprises a 16-bit input code for the AD5677R,
and a 12-bit input code followed by four zeros, or don’t care
bits, for the AD5673R (see Figure 57 and Figure 58). These data
bits are transferred to the input register on the 24 falling edges
of SCL.
Commands execute on individual DAC channels, combined DAC
channels, or on all DACs, depending on the address bits selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com