Electronic Components Datasheet Search
  English  ▼

X  

LTC3522 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3522 Datasheet HTML 3Page - Linear Technology LTC3522 Datasheet HTML 4Page - Linear Technology LTC3522 Datasheet HTML 5Page - Linear Technology LTC3522 Datasheet HTML 6Page - Linear Technology LTC3522 Datasheet HTML 7Page - Linear Technology LTC3522 Datasheet HTML 8Page - Linear Technology LTC3522 Datasheet HTML 9Page - Linear Technology LTC3522 Datasheet HTML 10Page - Linear Technology LTC3522 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3522
7
3522f
SW1B (Pin 10): Buck-Boost Switch Node That Must be
Connected to One Side of the Buck-Boost Inductor.
SW1A (Pin 11): Buck-Boost Switch Node That Must be
Connected to One Side of the Buck-Boost Inductor.
VOUT1 (Pin 12): Buck-Boost Output Voltage Node. This pin
should be connected to a low ESR output capacitor. The
capacitor should be placed as close to the IC as possible
and should have a short return to ground.
PGND1 (Pin 13): High Current Ground Connection for
Buck-Boost Switch B and the Buck Converter Synchronous
Rectifier. The PCB trace connecting this pin to ground
should be made as short and wide as possible.
SW2 (Pin 14): Buck Converter Switch Node That Must be
Connected to the Buck Inductor.
PVIN2 (Pin 15): High Current Power Supply Connection
Used to Supply the Buck Converter Power Switch. In ad-
dition this pin is the supply pin for the internal circuitry of
the LTC3522. This pin should be bypassed by a 4.7μF or
larger ceramic capacitor. The bypass capacitor should be
placed as close to the pin as possible and should have a
short return path to ground. Pins PVIN1 and PVIN2 must
be connected together in the application circuit.
SHDN2 (Pin 16): Buck Active-Low Shutdown Pin. Forcing
this pin above 1.4V enables the buck converter. Forcing
this pin below 0.4V disables the buck converter. This pin
cannot be left floating.
Exposed Pad (Pin 17): The Exposed Pad must be electri-
cally connected to ground. Pins PGND1, PGND2, GND,
and the Exposed Pad must be connected together in the
application circuit.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com