Electronic Components Datasheet Search
  English  ▼

X  

LTC3522 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3522 Datasheet HTML 12Page - Linear Technology LTC3522 Datasheet HTML 13Page - Linear Technology LTC3522 Datasheet HTML 14Page - Linear Technology LTC3522 Datasheet HTML 15Page - Linear Technology LTC3522 Datasheet HTML 16Page - Linear Technology LTC3522 Datasheet HTML 17Page - Linear Technology LTC3522 Datasheet HTML 18Page - Linear Technology LTC3522 Datasheet HTML 19Page - Linear Technology LTC3522 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3522
20
3522f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0507 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3410/LTC3410B 300mA (IOUT), 2.25MHz Synchronous Buck DC/DC Converter VIN: 2.5V to 5.5V, VOUT(RANGE) = 0.8V to VIN, IQ = 26μA, ISD < 1μA,
SC70 Package
LTC3440
600mA (IOUT), 2MHz Synchronous Buck-Boost
DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(RANGE) = 2.5V to 5.5V, IQ = 25μA, ISD < 1μA,
MS, DFN Packages
LTC3441
600mA (IOUT), 2MHz Synchronous Buck-Boost
DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(RANGE) = 2.4V to 5.25V, IQ = 25μA, ISD < 1μA,
DFN Package
LTC3442
1.2A (IOUT), 2MHz Synchronous Buck-Boost
DC/DC Converter
VIN: 2.4V to 5.5V, VOUT(RANGE) = 2.4V to 5.25V, IQ = 35μA, ISD < 1μA,
DFN Package
LTC3455
Dual DC/DC Converter with USB Power Manager and Li-Ion
Battery Charger
96% Efficiency, Seamless Transition Between Inputs, IQ = 110μA,
ISD < 2μA, QFN Package
LTC3456
2-Cell Multi-Output DC/DC Converter with USB Power
Manager
92% Efficiency, Seamless Transition Between Inputs, IQ = 180μA,
ISD < 1μA, QFN Package
LTC3530
600mA (IOUT), 2MHz Synchronous Buck-Boost
DC/DC Converter
VIN: 1.8V to 5.5V, VOUT(RANGE) = 1.8V to 5.5V, IQ = 40μA, ISD < 1μA,
DFN, MSOP Packages
LTC3532
500mA (IOUT), 2MHz Synchronous Buck-Boost
DC/DC Converter
VIN: 2.4V to 5.5V, VOUT(RANGE) = 2.4V to 5.25V, IQ = 35μA, ISD < 1μA,
DFN, MSOP Packages
LTC3544/LTC3544B 300mA, 200mA
×2, 100mA, 2.25MHz Quad Output
Synchronous Step-Down DC/DC Converter
VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 70μA, ISD < 1μA,
3mm
× 3mm QFN Packages
TYPICAL APPLICATION
3V at 400mA and 1.8V at 200mA with Sequenced Start-Up
+
PVIN1 PVIN2
SW2
FB2
VOUT1
LTC3522
PGOOD2
1M
137k
12pF
68.1k
C2
4.7
μF
C1
6.8
μF
C3
4.7
μF
Li-Ion
L2
4.7
μH
L1
8.2
μH
VOUT1
3V
300mA
(400mA, VIN > 3V)
C1: TDK C3216X5R0J685M
C2, C3: TAIYO YUDEN JMK212BJ106MG
L1: COOPER BUSSMANN SD18-8R2
L2: COOPER BUSSMANN SD18-4R7
VOUT2
1.8V
200mA
PGOOD1
VIN
2.4V TO 4.2V
499k
499k
3522 TA03A
PGOOD1
PWM
SW1A
SW1B
FB1
SHDN2
SHDN1
PGND1 GND1 PGND2
499k
ON
OFF
PWM
BURST
VOUT2
1V/DIV
VOUT1
2V/DIV
PGOOD2
5V/DIV
PGOOD1
5V/DIV
200
μs/DIV
3522 TA03b
Sequenced Start-Up Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com