Electronic Components Datasheet Search
  English  ▼

X  

LTC3522 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3522 Datasheet HTML 12Page - Linear Technology LTC3522 Datasheet HTML 13Page - Linear Technology LTC3522 Datasheet HTML 14Page - Linear Technology LTC3522 Datasheet HTML 15Page - Linear Technology LTC3522 Datasheet HTML 16Page - Linear Technology LTC3522 Datasheet HTML 17Page - Linear Technology LTC3522 Datasheet HTML 18Page - Linear Technology LTC3522 Datasheet HTML 19Page - Linear Technology LTC3522 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3522
16
3522f
APPLICATIONS INFORMATION
of inductors that are well suited to many LTC3522 buck
converter applications.
Table 4. Representative Surface Mount Inductors
MANUFACTURER PART NUMBER
VALUE
MAX
CURRENT
DCR
HEIGHT
Taiyo Yuden
NP035B-4R7M
4.7μH
1.2A
0.047
Ω 1.8mm
NP035B-6R8M
6.8μH
1.0A
0.084
Ω 1.8mm
Coilcraft
MSS6132-472ML 4.7μH
1.8A
0.056
Ω 3.2mm
MSS6132-822ML 8.2μH
1.35A
0.070
Ω 3.2mm
Sumida
CDRH2D14NP-
4R7N
4.7μH
1.0A
0.135
Ω 1.55mm
CDRH2D18/
HPNP-4R7N
4.7μH
1.2A
0.110
Ω 2.0mm
CDRH3D16NP-
4R7N
4.7μH
0.9A
0.08
Ω 1.8mm
Cooper-
Bussmann
SD18-4R7
4.7μH
1.54A
0.082
Ω 1.8mm
SD10-4R7
4.7μH
1.08A
0.153
Ω 1.0mm
Capacitor Vendor Information
Both the input and output capacitors used with the LTC3522
must be low ESR and designed to handle the large AC cur-
rents generated by switching converters. The vendors in
Table 5 provide capacitors that are well suited to LTC3522
application circuits.
Table 5. Capacitor Vendor Information
MANUFACTURER
WEB SITE
REPRESENTATIVE PART
NUMBERS
Taiyo Yuden
www.t-yuden.com
JMK107BJ105MA 4.7μF, 6.3V
TDK
www.component.
tdk.com
C2012X5R0J475K 4.7μF, 6.3V
Murata
www.murata.com
GRM219R61A475K 4.7μF
AVX
www.avxcorp.com
SM055C475KHN480 4.7μF
PCB Layout Considerations
The LTC3522 switches large currents at high frequencies.
Special care should be given to the PCB layout to ensure
stable, noise-free operation. Figure 5 depicts the recom-
mended PCB layout to be utilized for the LTC3522. A few
key guidelines follow:
1. All circulating high current paths should be kept as short
as possible. This can be accomplished by keeping the
routes to all bold components in Figure 5 as short and
as wide as possible. Capacitor ground connections
should via down to the ground plane in the shortest
route possible. The bypass capacitors on PVIN1 and
PVIN2 should be placed as close to the IC as possible and
should have the shortest possible paths to ground.
2. The small-signal ground pad (GND) should have a single
point connection to the power ground. A convenient
way to achieve this is to short the pin directly to the
Exposed Pad as shown in Figure 5.
3. The components shown in bold and their connections
should all be placed over a complete ground plane.
4. To prevent large circulating currents from disrupting
the output voltage sensing, the ground for each resistor
divider should be returned directly to the small signal
ground pin (GND).
5. Use of vias in the die attach pad will enhance the ther-
mal environment of the converter especially if the vias
extend to a ground plane region on the exposed bottom
surface of the PCB.
6. Keep the connection from the resistor dividers to the
feedback pins FB1 and FB2 as short as possible and
away from the switch pin connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com