Electronic Components Datasheet Search
  English  ▼

X  

LTC3522 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3522 Datasheet HTML 4Page - Linear Technology LTC3522 Datasheet HTML 5Page - Linear Technology LTC3522 Datasheet HTML 6Page - Linear Technology LTC3522 Datasheet HTML 7Page - Linear Technology LTC3522 Datasheet HTML 8Page - Linear Technology LTC3522 Datasheet HTML 9Page - Linear Technology LTC3522 Datasheet HTML 10Page - Linear Technology LTC3522 Datasheet HTML 11Page - Linear Technology LTC3522 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3522
8
3522f
BLOCK DIAGRAM
+
–
+
–
PGOOD1
VOUT1
6
12
FB1
SHDN1
FILTER
PGOOD2
4
13
0.9V
0.85A
+
–
0.250A
+
–
0A
IZERO
BUCK-BOOST
PWM
LOGIC
GATE
DRIVES
GATE
DRIVES
BUCK
PWM
LOGIC
BANDGAP
REFERENCE
AND OT
SHUTDOWN
OSCILLATOR
UVLO
1.00V
SOFT-START
RAMP
SOFT-START
RAMP
7
PWM
2
SHDN2
5
D
VOUT1
10
SW1B
11
SW1A
8
PVIN1*
15
PVIN2*
INTERNAL
VCC
C
B
A
PGND2
PGND1
PGND1
ZERO CROSSING
14
SW2
FB2
+
–
0A
+
–
+
–
0.4A
ILIMIT
0.548V
3522 BD
0.594V
gm
PGND1
3
GND
*PVIN1 AND PVIN2 MUST BE CONNECTED TOGETHER IN THE APPLICATION.
9
PGND2
SLOPE
COMPENSATION
1
+
+
–
16
1.00V
0.594V
0.9V
0.548V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com