Electronic Components Datasheet Search
  English  ▼

X  

LTC3522 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 5 Page - Linear Technology

  LTC3522 Datasheet HTML 1Page - Linear Technology LTC3522 Datasheet HTML 2Page - Linear Technology LTC3522 Datasheet HTML 3Page - Linear Technology LTC3522 Datasheet HTML 4Page - Linear Technology LTC3522 Datasheet HTML 5Page - Linear Technology LTC3522 Datasheet HTML 6Page - Linear Technology LTC3522 Datasheet HTML 7Page - Linear Technology LTC3522 Datasheet HTML 8Page - Linear Technology LTC3522 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3522
5
3522f
Buck-Boost Feedback Voltage vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Buck Feedback Voltage vs
Temperature
Buck-Boost Maximum Load
Current, Burst Mode Operation
No Load Quiescent Current
vs VIN
Buck-Boost Burst to PWM
Transition
Buck Load Step, PWM Mode,
5mA to 200mA
TEMPERATURE (
°C)
–40
0.1
0.3
0.5
120
3522 G09
–0.1
–0.3
0
0.2
0.4
–0.2
–0.4
–0.5
0
–20
40
20
80 100
140
60
TEMPERATURE (
°C)
–40
0.1
0.3
0.5
120
3522 G09
–0.1
–0.3
0
0.2
0.4
–0.2
–0.4
–0.5
0
–20
40
20
80 100
140
60
VIN (V)
2.4
0
10
30
40
50
4.4
90
3522 G11
20
3.4
2.9
4.9
5.4
3.9
60
70
80
VOUT = 3V
VOUT = 5V
L = 4.7
μH
Buck-Boost Maximum Load
Current, PWM Mode
VIN (V)
2.4
0
100
300
400
500
4.4
600
3522 G12
200
3.4
2.9
4.9
5.4
3.9
VOUT = 3.3V
L = 4.7
μH
VOUT = 5V
VIN (V)
2.4
0
5
15
20
25
50
35
3.4
4.4
4.9
3522 G13
10
40
45
30
2.9
3.9
5.4
BOTH CONVERTERS ENABLED
INDUCTOR
CURRENT
200mA/DIV
VOUT
100mV/DIV
50
μs/DIV
3522 G14
VIN = 3.6V
VOUT = 3.3V
L = 4.7
μH
COUT = 4.7μF
Buck-Boost Load Step,
0mA to 300mA
INDUCTOR
CURRENT
200mA/DIV
VOUT
100mV/DIV
100
μs/DIV
3522 G15
VIN = 3.6V
VOUT = 3V
L = 4.7
μH
COUT = 4.7μF
INDUCTOR
CURRENT
100mA/DIV
VOUT
100mV/DIV
100
μs/DIV
3522 G16
VIN = 3.6V
VOUT = 1.8V
L = 4.7
μH
COUT = 4.7μF
Buck Load Step, Burst Mode
Operation, 5mA to 200mA
INDUCTOR
CURRENT
100mA/DIV
VOUT
100mV/DIV
100
μs/DIV
3522 G17
VIN = 3.6V
VOUT = 1.8V
L = 4.7
μH
COUT = 4.7μF
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com