Electronic Components Datasheet Search
  English  ▼

X  

LTC3522 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3522
Description  Synchronous 400mA Buck-Boost and 200mA Buck Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3522 Datasheet(HTML) 1 Page - Linear Technology

  LTC3522 Datasheet HTML 1Page - Linear Technology LTC3522 Datasheet HTML 2Page - Linear Technology LTC3522 Datasheet HTML 3Page - Linear Technology LTC3522 Datasheet HTML 4Page - Linear Technology LTC3522 Datasheet HTML 5Page - Linear Technology LTC3522 Datasheet HTML 6Page - Linear Technology LTC3522 Datasheet HTML 7Page - Linear Technology LTC3522 Datasheet HTML 8Page - Linear Technology LTC3522 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3522
1
3522f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Synchronous 400mA
Buck-Boost and 200mA
Buck Converters
The LTC
®3522 combines a 400mA buck-boost DC/DC con-
verter with a 200mA synchronous buck DC/DC converter in
a tiny 3mm
×3mmpackage.The1MHzswitchingfrequency
minimizes the solution footprint while maintaining high
efficiency. Both converters feature internal soft-start and
compensation, simplifying the design process.
The buck converter is current mode controlled and utilizes
an internal synchronous rectifier for high efficiency. The
buck converter supports 100% duty cycle operation to
extend battery life. If the PWM pin is held low, the buck
converter automatically transitions from Burst Mode opera-
tion to PWM mode. With the PWM pin held high, the buck
converter remains in low noise, 1MHz PWM mode.
The buck-boost converter provides continuous conduc-
tion operation to maximize efficiency and minimize noise.
At light loads, the buck-boost converter can be placed in
Burst Mode operation to improve efficiency and reduce
no-load standby current.
The LTC3522 provides a 1μA shutdown mode, overtem-
perature shutdown and current limit protection on both
converters. The LTC3522 is available in a 16-pin low profile
3mm
× 3mm QFN package.
■ Dual High Efficiency DC/DC Converters:
Buck-Boost (VOUT: 2.2V to 5.25V, IOUT: 400mA
for VIN > 3V, VOUT = 3.3V)
Buck (VOUT: 0.6V to VIN, IOUT: 200mA)
■ 2.4V to 5.5V Input Voltage Range
■ Pin Selectable Burst Mode
® Operation
■ 25μA Total Quiescent Current for Both Converters in
Burst Mode Operation
■ Independent Power Good Indicator Outputs
■ Integrated Soft-Start
■ Thermal and Overcurrent Protection
■ <1μA Quiescent Current in Shutdown
■ Small 0.75mm
× 3mm × 3mm QFN Package
■ Flash-Based MP3 Players
■ Medical Instruments
■ Digital Cameras
■ PDAs, Handheld PCs
■ Personal Navigation Devices
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6404251 and 6166527.
+
PVIN1 PVIN2
SW2
FB2
VOUT1
LTC3522
SHDN2
1M
137k
68.1k
L1: COILCRAFT MSS6132-8.2
μH
L2: COILCRAFT MSS6132-4.7
μH
4.7
μF
6.8
μF
4.7
μF
12pF
Li-Ion
L2
4.7
μH
L1
8.2
μH
VOUT1
3.3V
300mA
(400mA
VIN > 3V)
VOUT2
1.8V
200mA
VIN
2.4V TO 4.2V
432k
3522 TA01a
SHDN1
PWM
SW1A
SW1B
FB1
PGOOD2
PGOOD1
PGND1 GND PGND2
ON
OFF
PWM
BURST
VIN (V)
2.4
92
94
96
98
5.4
3522 TA01b
88
90
86
84
82
80
76
78
74
72
70
3.4
4.4
100
BUCK-BOOST
IOUT = 100mA
VOUT = 3.3V
BUCK
IOUT = 100mA
VOUT = 1.8V
Efficiency vs VIN


Similar Part No. - LTC3522

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
More results

Similar Description - LTC3522

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC4121EUD LINER-LTC4121EUD Datasheet
1Mb / 8P
400mA Synchronous Buck Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com