Electronic Components Datasheet Search
  English  ▼

X  

PI3039 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # PI3039
Description  600DPI CIS Image Sensor Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3039 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  PI3039 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6) Video output in dark:Vd =
å Vdn/Npixels
Note: In the dark means that sensor are placed on dark target and
measured with the light off.
7) Uniformity in the dark: Ud = (Vdmax-Vdmin)
Vdmax is the maximum pixel output voltage in the dark.
Vdmin is the minimum pixel output voltage in the dark.
Absolute Maximum Ratings:
Parameters
Symbol
Maximum Rating
Units
Power Supply Voltage
VDD
7.0
Volts
Power Supply Current
IDD
<3.0
ma
Input clock pulse (high level)
Vih
Vdd + 0.5
Volts
Input clock pulse (low level)
Vil
-0.25
Volts
Table 3. Absolute Maximum Ratings
Environmental Ratings:
Operating Temperature
Top
0 to 50
oC
Operating Humidity
Hop
10 to 85
RH %
Storage Temperature
Tstg
-25 to 75
oC
Storage Humidity
Hstg
10 to 90
RH %
Table 4. Absolute Maximum Ratings
Operating Range at Room Temperature
Parameters
Symbols
Min
Typical
Max
Units
Power Supply
VDD
4.5
5.0
5.5
Volts
Input clock pulses high level
Vih (1)
4.0
5.0
VDD
Volts
Input clock pulse low level
Vil (1)
0
0
0.8
Volts
Video Signal Current (Charge for
given sample time)
Iout (2)
See note.
Clock Frequency
fclk (3)(4)
0.1
5.0
6.5
MHz
Clock pulse duty cycle
Dty (5)
50
%
Clock pulse high durations
Tw
100
nsec
Integration time
Tint (6)
29.54
µsec
Operating Temperature
Top
25
50
oC
Table 5. Recommended Operating Condition at Room Temperature
Note
1) Applies to both CP and SP.
2) See note 3 under Table 2.
3) Although the clock frequency will operate the device at less than 100KHz, it is
recommended that the device be operated above 500KHz. This recommendation is for
long module length, such as the A4 size with 27 sequentially cascaded sensors. The
long module at low clock rates has a long scan time. This results in a long photo
integration time that generates leakage currents. The leakage currents randomly store
arbitrary amounts of charges in the photo-site, contributing to the FPN in the dark.
PAGE 4 OF 10, PI3039, 12/2/02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com