Electronic Components Datasheet Search
  English  ▼

X  

PI3039 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # PI3039
Description  600DPI CIS Image Sensor Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3039 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  PI3039 Datasheet HTML 1Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description:
Peripheral Imaging Corporation PI3039 CIS (Contact Image Sensor) sensor chip is a linear
array image sensor chip with a 600 elements per inch resolution. The sensor chip is fabricated
with PIC’s proprietary CMOS Image Sensing Technology. Since this image sensor chip is
intended for CIS module applications, multiple numbers of these sensors will be serially
cascaded to form a linear scanning image array of arbitrary length. These sensors are butted
end-to-end on a printed circuit board (PCB). The sensors are mounted using the chip-on-
board technology to form scanning arrays with various lengths
Figure 1. PI3039 Sensor Block Diagram
Figure 1 is a block diagram of the sensor chip. Each sensor chip consists of 192 detector elements,
their associated multiplexing switches, buffer amplifiers, and a chip selector. The detector's element-
to-element spacing is approximately 42µm. The size of each chip without the scribe lines is 8080 µm
by 360 µm. Each sensor chip has 6 bonding pads. The pad symbols and functions are described in
Table 1.
Engineering Data Sheet
Peripheral
Imaging
Corporation
™
600DPI CIS Image Sensor Chip
PI3039
Page 1 of 10, PI3039, 12/2/02
1
2
3
4
189
190
191
192
8080 µm
360 µm
BUFFER
BUFFER
BUFFER
CHIP
SELECT
READ OUT SHIFT REGISTER
ROW OF 192 SENSORS
AND VIDEO SIGNAL
LINE MULTIPLEXER
SP
CP
VDD
VSS
IOUT
EOS


Similar Part No. - PI3039

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
Contact Image Sensor
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
200DPI CIS Sensor Chip
More results

Similar Description - PI3039

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
AMI SEMICONDUCTOR
AMIS-710600 AMI-AMIS-710600 Datasheet
232Kb / 7P
600dpi CIS Module
AMIS-710627 AMI-AMIS-710627 Datasheet
338Kb / 11P
600dpi CIS Modules
AMIS-720639 AMI-AMIS-720639 Datasheet
358Kb / 10P
600dpi CIS Sensor Chip
PI616MC-AS AMI-PI616MC-AS Datasheet
2Mb / 22P
600DPI Image Sensor (CIS) PCB
PI625MC-A6 AMI-PI625MC-A6 Datasheet
877Kb / 7P
600DPI CIS Module
PI630MC-A6C AMI-PI630MC-A6C Datasheet
1Mb / 10P
Color Contact Image Sensor (CIS)
PI3012A AMI-PI3012A Datasheet
694Kb / 7P
300DPI CIS Sensor Chip
PI3034A AMI-PI3034A Datasheet
635Kb / 7P
200DPI CIS Sensor Chip
PI3041A AMI-PI3041A Datasheet
1Mb / 18P
Contact Image Sensor 300DPI CIS Sensor Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com