Electronic Components Datasheet Search
  English  ▼

X  

PI3039 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # PI3039
Description  600DPI CIS Image Sensor Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3039 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button PI3039 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 10Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
of the Voltage Buffer Amplifier. The accompanying Table 6B, Timing Symbol's Definition, is on
the next page.
Cp is the same clock that is shown in Figure 3A. As in the Figure 3A, it is the reference for
defining the video signal pulse times. Vp is the peak amplitude of the pixel when the image
sensor is under light exposure. Vd is the dark level of the pixel when the image sensor has no
light exposure. The Reset Level is during the time when image sensor is reset to ground with
an external shunting switch, SW. Refer to any of the simplified block diagrams in the section
under Output Circuits for Converting the Video Signal. The video line reset is active while Cp
is high. The video signal charges video line with the falling edge of Cp.
The shape of the video is a typical characteristic that is exhibited when the sensor current
charges the video line capacitance. It continues to rise until it becomes asymptotic to a
horizontal line. However for clock frequency >2.0MHz, the slope does not reach the
asymptotic condition. Because of this ever-charging slope, the output voltage changes with
the clock frequency and its duty cycle. Hence, there is no optimum point for the video pixel
sampling position. Using an edge triggered sampling A/D with a very narrow aperture, the
users of these CIS devices samples the signal as close to top of the waveform as possible.
Although the optimum way is adjust the sampling position in the application, the following
sampling time given in terms of clock-time ratio will provide a rule-of-thumb in setting the
sampling time. By using the relationship below, the user can place the sampling clock within
an acceptable range.
Tsmp
» [to x (1.0 – Dty) + Damp]
where Dty is the clock duty cycle defined in above Table 6A.
Item
Symbol
Minimum
Mean
Maximum
Units
Clock Pulse Period
to(1)
166
200
10000
ns
Video Sample Time
tsmp (2)
107
120
ns
Amplifier Group
Delay
Damp (3)
15
20
%
Video fall time
tvf
20
30
ns
Table 6B. Supplement Timing Symbol's Definition
Notes:
1) to is the clock cycle period with minimum set with 6.0 MHz.
2) tsmp has been previously defined above, with Dty=0.5
3) Damp is group delay time associated with the amplifier design in Figure 4C, Video
Buffer Amplifier, EL2044 by Elantec.
PAGE 7 OF 10, PI3039, 12/2/02



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com