Electronic Components Datasheet Search
  English  ▼

X  

PI3039 Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # PI3039
Description  600DPI CIS Image Sensor Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

PI3039 Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button PI3039 Datasheet HTML 2Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 3Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 4Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 5Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 6Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 7Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 8Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 9Page - AMI SEMICONDUCTOR PI3039 Datasheet HTML 10Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Clock cycle time
to (1)
154
10000
ns
Clock pulse width
tw (2)
77
ns
Clock duty cycle
Dty (3)
25
50
75
%
Data setup time
tds
20
ns
Data hold time
tdh
20
ns
Prohibit crossing time
Tprh (4)
20
ns
SP turn on and off
Tonoff
(5)
Note 5
EOS rise delay
terdl
80
ns
EOS fall delay
tefdl
75
ns
Signal delay time to
peak
tdtp(6)
20
ns
Signal fall time delay
tftd(6)
80
ns
Table 6A. Timing Symbol's Definition
Notes:
1. Minimum to is specified at the maximum clock frequency of 6.5MHz.
2. Since the clock pulse width varies with frequency, tw will vary according to duty cycle. This
minimum is specified @ 6.5MHz and 50% duty cycle.
3. The clock duty cycle typically is 25 %. At 5.0 MHz or higher 50% is recommended. This
recommendation is to keep the die-to-die FPN, fixed pattern noise, to a minimum between
die transitions in CIS operation.
4. Tprh is the time where the start pulse high is prohibited. No consecutive falling clock edges
are allowed during one cycle of SP. Otherwise, two start pulses or more will load into the
shift register for each negative going clock edge. Multiple start pulses loaded into the shift
register will access proportional numbers of multiple pixels simultaneously at each clock
cycle.
5. The recommended time to start and stop the SP is between two consecutive rising clock
edges, indicated by the tonoff arrows.
6. These values, tdtp and tftd, are measurements from the circuit in Figure 4B, which is
essentially the pulse voltage across the 50 ohm resistor. This is one of circuit employed to
convert the Video Signal current to voltage. See discussion on the two amplifier
configurations under the section entitled, Output Circuits for Converting the Video Signal.
Figure 3B. Supplement Timing Diagram
This supplementary timing diagram, Figure 3B, Supplement Timing Diagram, graphically
defines the symbols used to describe timing relationship between the waveforms at the output
Item
Symbol
Minimum
Mean
Maximum
Units
PAGE 6 OF 10, PI3039, 12/2/02
CP
VIDEO
OUTPUT
Vp
to
tsmp
Dark Level
Vd
Reset Level
tvf



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com